Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ9731-1C-6DC3ER1 Datasheet(PDF) 3 Page - American Zettler, Inc.

Part # AZ9731-1C-6DC3ER1
Description  40 AMP MINI-ISO AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ9731-1C-6DC3ER1 Datasheet(HTML) 3 Page - American Zettler, Inc.

  AZ9731-1C-6DC3ER1 Datasheet HTML 1Page - American Zettler, Inc. AZ9731-1C-6DC3ER1 Datasheet HTML 2Page - American Zettler, Inc. AZ9731-1C-6DC3ER1 Datasheet HTML 3Page - American Zettler, Inc. AZ9731-1C-6DC3ER1 Datasheet HTML 4Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Version C2
.453MAX
[11.50]
FORM A
87
86(+)
30
85(-)
FORM C
87a
86(+)
30
85(-)
87
0.031
[0.80]
0.098
[2.50]
0.748
[19.00]
0.098
[2.50]
0.630
[16.00]
Ø0.217
[5.50]
0.236
[6.00]
0.354
[9.00]
.453MAX
[11.50]
.224
[5.70]
.602
[15.30]
Ø.209
[Ø5.30]
.031
[0.80]
.181
[4.60]
.248
[6.30]
0.122
[3.10]
0.248
[6.30]
Version C1
.031
[0.80]
1.043MAX
[26.50]
0.965MAX
[24.50]
1.043MAX
[26.50]
0.965MAX
[24.50]
1.043MAX
[26.50]
1.043MAX
[26.50]
.224MAX
[5.70]
.181
[4.60]
0.547
[13.89]
5x.031
[0.80]
.661
[16.80]
.331
[8.40]
4x.248
[6.30]
85
.705
[17.90]
87
87a
30 (86)
86
(30)
FORM C & (U)
.331
[8.40]
.661
[16.80]
.705
[17.90]
4x.031
[0.80]
5x.248
[6.30]
85
30
87
86
FORM A
Version C3
1.043MAX
[26.50]
0.965MAX
[24.50]
.453MAX
[11.50]
.248
[6.30]
.031
[0.80]
1.043MAX
[26.50]
.228MAX
[5.80]
.181
[4.60]
Version C4
[4 6 .5 ]
1.831
[3 5 .5 ]
1.398
[35.5]
1.40
5 x .032
[0 .8 ]
[6 .3 ]
5 x .248
[11.5]
5 x .453
85
87
86
87A
30
[1 .8 ]
.0 7 1
[2 0 .0 ]
.7 8 7
[9 .0 ]
.3 5 4
[4 .4 ]
.1 7 3
[6 .9 ]
.2 7 2
[17.9]
.7 0 5
.665
[16.9]
[8 .4 ]
.331
[8 .0 ]
.3 1 5
.6 5 0
[1 6 .6 ]
.2 6 2
[6 .6
5 ]
.8 5 8
[2 1 .8 ]
.3 5 4
[.900]
.776
[1 9 .7 ]
1.79 M A X
[4 5 .5 ]
FORM U
87a
30(+)
86
85(-)
87
AZ9731
3/10/09
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
Viewed Toward Terminals
Wiring Diagrams
Outline Dimensions
Mounting Layout


Similar Part No. - AZ9731-1C-6DC3ER1

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ9731 ZETTLER-AZ9731 Datasheet
115Kb / 3P
   40 Amp contact rating
logo
American Zettler, Inc.
AZ9731F AZETTLER-AZ9731F Datasheet
564Kb / 2P
   30 Amp contact rating (30A Fuse)
AZ9731T AZETTLER-AZ9731T Datasheet
348Kb / 3P
   50 Amp contact rating
More results

Similar Description - AZ9731-1C-6DC3ER1

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
PC792B PICKER-PC792B Datasheet
679Kb / 2P
   40/40 Amp Automotive Plug-In / PCB Mini ISO Relay
logo
American Zettler, Inc.
AZ979 AZETTLER-AZ979 Datasheet
148Kb / 3P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ986 AZETTLER-AZ986 Datasheet
114Kb / 3P
   40 AMP 280-ISO AUTOMOTIVE RELAY
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9831 AZETTLER-AZ9831 Datasheet
81Kb / 2P
   70 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
PC792C PICKER-PC792C_17 Datasheet
614Kb / 2P
   50/40 Amp Automotive Plug-In / PCB Mini ISO Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com