Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

106284-1025 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 106284-1025
Description  CXP Optical Cable Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

106284-1025 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  106284-1025 Datasheet HTML 1Page - Molex Electronics Ltd. 106284-1025 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
CXP Optical Cable Assemblies
Molex’s low-profile CXP optical 4.50mm round cable
assemblies offer improved fiber management over
traditional flat cables for connecting CXP
transceivers. The CXP optical cable assemblies utilize
24 fibers using industry-standard MTP/MPO
connectors, 12 transmit (TX) and 12 receive (RX),
and 10 Gbps high-bandwidth (OM3) fiber. This
design meets the InfiniBand bandwidth requirements
for CXP modules spaced up to 300.00m (984.25’).
Molex provides a complete optical CXP solution with
cable assemblies and loopbacks. Products include
MTP/MPO-to-LC cable assemblies for connections to
Small Form-factor Pluggable (SFP) or LC patch
panels. Loopbacks feature a compact housing that
loop optical TX to RX ports for testing, burn-in and
field troubleshooting.
Molex’s CXP optical cable assemblies are part of the
iPass+ HSC CXP system, which is the latest addition
to the existing iPass product family. The iPass
Interconnect System offers connectors and cables
that enable flexible-speed compatibility for
applications ranging from 1 to 10 Gbps and is an
ideal solution for the growing server-storage market.
For additional information, visit:
www.molex.com/link/cxp.html.
CXP optical cable assemblies from Molex offer improved fiber management for connecting CXP
transceivers and complete Molex’s iPass+ High-Speed Channel (HSC) CXP Copper and Optical System
106284 Cable Assemblies
Features and Benefits
n
MTP/MPO CXP connector interface meets CXP
interface specifications
n
Low-profile, round cable design for improved
cable management over flat cable, with 360°
cable-routing capability
n
Up to 10 Gbps data rate capability provides
optimized bandwidth by application
n
RoHS compliant to meet environmental
requirements for electronic equipment and
accessories
Reference Information
Packaging: Individual pack in a bag
Mates With: CXP Optical Transceivers
Optical
Fiber Specifications:
Fiber Count: 24 fibers (12 TX / 12 RX)
Multi Mode: 50/125µm
Insertion Loss at Test:
Multi Mode: 0.22dB Typical;
≤0.75dB max.
Connector to Connector: MTP to MTP
Bandwidth: See table on page 2 of datasheet
SPECIFICATIONS
Mechanical
Bend Radius: 50.8mm (2.00”) min. long-term
Physical
Jacket Dimensions:
Interconnect Cables – 1 to 20 meters: 4.50mm (.177”)
Distribution Cables – 21 to 300 meters: 5.40mm (.213”)
Fire Rating:
OFNR (Riser): Lengths less than or equal to 20 meters
OFNP (Plenum): Lengths over 20 meters
Operating Temperature: 0 to +70°C
Storage Temperature: -40 to +70°C


Similar Part No. - 106284-1025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106284-1025 MOLEX11-106284-1025 Datasheet
33Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round Cable Assembly
More results

Similar Description - 106284-1025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106284-1030 MOLEX-106284-1030_V01 Datasheet
201Kb / 1P
   MOLEX CXP OPTICAL CABLE ASSEMBL
2008/11/21
86389-0001 MOLEX-86389-0001 Datasheet
346Kb / 2P
   Optical Military Cable Assemblies
86085-0000 MOLEX-86085-0000 Datasheet
162Kb / 2P
   Optical Break-Out Cable Assemblies
106059-0100 MOLEX-106059-0100 Datasheet
962Kb / 6P
   Optical Industrial Cable Assemblies and Adapters
86282-4817 MOLEX-86282-4817 Datasheet
213Kb / 2P
   MTP* Optical Round Ribbon Cable Assemblies
86059-0100 MOLEX-86059-0100 Datasheet
317Kb / 2P
   Optical Industrial Cable Assemblies and Adapters
106284-0015 MOLEX11-106284-0015 Datasheet
50Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round Cable Assembly
106284-1005 MOLEX11-106284-1005 Datasheet
43Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round Cable Assembly
1062840006 MOLEX1-1062840006 Datasheet
46Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round
1062840015 MOLEX1-1062840015 Datasheet
46Kb / 1P
   CXP Optical Cable Assembly (iPass ), MTP-to-MTP, Multimode, 50/125m, Round
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com