Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

106025-3250 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 106025-3250
Description  LC Connectors and Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

106025-3250 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  106025-3250 Datasheet HTML 1Page - Molex Electronics Ltd. 106025-3250 Datasheet HTML 2Page - Molex Electronics Ltd. 106025-3250 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LC Connectors and Adapter
ORDERINg INFORmATION
Simplex LC Connectors
Part Number
Type
Cable Size
Boot Type
Connector Color
106024-3500
Multimode
900um
Straight
Beige
106024-3000
1.60mm
106024-7180
45° Angled
106024-3400
90° Angled
106024-3300
2.00mm
Straight
106024-7185
45° Angled
106024-3600
90° Angled
106024-3250
3.00mm
Straight
106024-5500
Single Mode
900um
Blue
106024-5000
1.60mm
106024-7140
45° Angled
106024-5400
90° Angled
106024-5300
2.00mm
Straight
106024-7145
45° Angled
106024-5600
90° Angled
106024-5250
3.00mm
Straight
106090-2800
APC
900um
Green
106090-2230
1.60mm
106090-2240
90° Angled
106090-2200
2.00mm
Straight
106090-2260
90° Angled
Duplex LC Connectors
Part Number
Type
Cable Size
Boot Type
Connector Color
Duplex Clip
106025-3000
Multimode
1.60mm
Straight
Beige
1 piece push-on
106025-7180
45° Angled
106025-3400
90° Angled
106025-3300
2.00mm
Straight
106025-7185
45° Angled
106025-3600
90° Angled
106025-3250
3.00mm
Straight
106025-5000
Single Mode
1.60mm
Blue
106025-7140
45° Angled
106025-5400
90° Angled
106025-5300
2.00mm
Straight
106025-7145
45° Angled
106025-5600
90° Angled
106025-5250
3.00mm
Straight
106090-2830
APC
1.60mm
Green
106090-2250
90° Angled
106090-2810
2.00mm
Straight
106090-2270
90° Angled
106025-3800
Multimode
Straight
Beige
2 piece snap-on
106025-3150
3.00mm
106025-5800
Single Mode
2.00mm
Blue
106025-5150
3.00mm
Simplex LC Adapters
Part Number
Sleeve
Color
mounting type
Housing Style
106124-0010
Metal
Beige
Snap
Low Profile
106124-1010
Ceramic
106124-1200
Aqua
106124-0000
Metal
Blue
106124-1000
Ceramic
106124-1050
Green
106124-0110
Metal
Beige
Standard
106124-1110
Ceramic
106124-0100
Metal
Blue
106124-1100
Ceramic
106124-1150
Green


Similar Part No. - 106025-3250

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106025-2320 MOLEX-106025-2320 Datasheet
686Kb / 2P
   LC Duplex Single-Boot Connector
106025-2330 MOLEX-106025-2330 Datasheet
686Kb / 2P
   LC Duplex Single-Boot Connector
106025-2340 MOLEX-106025-2340 Datasheet
686Kb / 2P
   LC Duplex Single-Boot Connector
106025-2360 MOLEX-106025-2360 Datasheet
686Kb / 2P
   LC Duplex Single-Boot Connector
106025-2370 MOLEX-106025-2370 Datasheet
686Kb / 2P
   LC Duplex Single-Boot Connector
More results

Similar Description - 106025-3250

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86024-3000 MOLEX-86024-3000 Datasheet
126Kb / 4P
   LC Connectors and Adapters
logo
Pasternack Enterprises,...
PE9569 PASTERNACK-PE9569 Datasheet
239Kb / 2P
   LC Male to LC Male Adapter
PE9419 PASTERNACK-PE9419 Datasheet
240Kb / 2P
   LC Female to LC Female Adapter
logo
Molex Electronics Ltd.
106123-0200 MOLEX-106123-0200 Datasheet
162Kb / 2P
   Quad LC Optical Adapter
1061261700 MOLEX-1061261700 Datasheet
51Kb / 1P
   LC Adapter Kit, Duplex, Snap Mount, Includes LC Duplex Receptacle and Mounting Plate
logo
Pasternack Enterprises,...
PE9398 PASTERNACK-PE9398 Datasheet
241Kb / 2P
   LC Male to LC Female Right Angle Adapter
logo
Molex Electronics Ltd.
1060590200 MOLEX1-1060590200 Datasheet
49Kb / 1P
   Optical Industrial Adapter, LC Duplex, Multimode
logo
Pasternack Enterprises,...
PE9237 PASTERNACK-PE9237 Datasheet
245Kb / 2P
   N Female to LC Male Adapter
PE9413 PASTERNACK-PE9413 Datasheet
241Kb / 2P
   LC Female to HN Male Adapter
PE9298 PASTERNACK-PE9298 Datasheet
233Kb / 2P
   N Female to LC Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com