Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

106025-3000 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 106025-3000
Description  LC Connectors and Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

106025-3000 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  106025-3000 Datasheet HTML 1Page - Molex Electronics Ltd. 106025-3000 Datasheet HTML 2Page - Molex Electronics Ltd. 106025-3000 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ORDERINg INFORmATION
LC Connectors and Adapter
Duplex LC Adapters
Part Number
Sleeve
Color
mounting type
Housing Style
Note
106125-0110
Metal
Beige
Snap
Large
MT-RJ Mounting
106125-1110
Ceramic
106125-0100
Metal
Blue
106125-1100
Ceramic
106125-0010
Metal
Beige
Low Profile (Half Large)
106125-1010
Ceramic
106125-0000
Metal
Blue
106125-1000
Ceramic
106125-0210
Metal
Beige
Retaining Clip
106125-1210
Ceramic
106125-0200
Metal
Blue
106125-1200
Ceramic
106126-0410
Metal
Beige
Snap
SC Simplex Mounting
No Shutters
106126-0690
Metal
Die-Cast
106126-1400
Ceramic
Blue
106126-1430
Aqua
106126-1450
Green
106126-1690
Die-Cast
106126-0310
Metal
Beige
Screw
106126-0590
Die-Cast
106126-1300
Ceramic
Blue
106126-1350
Green
106126-1590
Die-Cast
106127-0410
Metal
Beige
Snap
Shutters on one side
106127-1610
Aqua
106127-0690
Die-Cast
106127-1400
Ceramic
Blue
106127-1690
Die-Cast
106127-1450
Green
106127-0310
Metal
Beige
Screw
106127-0590
Die-Cast
106127-1300
Ceramic
Blue
106127-1590
Die-Cast
106127-1350
Green
Quad LC Adapters
Part Number
Sleeve
Color
mounting type
Housing Style
Note
106123-1300
Metal
Beige
Snap
SC Duplex Mounting
No Shutters
106123-3300
Aqua
106123-0300
Ceramic
Blue
106123-2300
Green
106123-1100
Metal
Beige
Screw
106123-3100
Aqua
106123-0100
Ceramic
Blue
106123-2100
Green
106123-1200
Metal
Beige
Shutters on one side
106123-3200
Aqua
106123-0200
Ceramic
Blue
106123-2200
Green
106123-1400
Metal
Beige
Snap
106123-3400
Aqua
106123-0400
Ceramic
Blue
106123-2400
Green
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Asia Pacific North Headquarters
Yamato, Kanagawa, Japan
81-46-265-2325
apninfo@molex.com
Asia Pacific South Headquarters
Jurong, Singapore
65-6268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
P: 630-969-4550 F: 630-969-1352
www.molex.com/product/fiber
Order No. 987650-1589
USA/KP/2008.03
©2008, Molex


Similar Part No. - 106025-3000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106025-2320 MOLEX-106025-2320 Datasheet
686Kb / 2P
   LC Duplex Single-Boot Connector
106025-2330 MOLEX-106025-2330 Datasheet
686Kb / 2P
   LC Duplex Single-Boot Connector
106025-2340 MOLEX-106025-2340 Datasheet
686Kb / 2P
   LC Duplex Single-Boot Connector
106025-2360 MOLEX-106025-2360 Datasheet
686Kb / 2P
   LC Duplex Single-Boot Connector
106025-2370 MOLEX-106025-2370 Datasheet
686Kb / 2P
   LC Duplex Single-Boot Connector
More results

Similar Description - 106025-3000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86024-3000 MOLEX-86024-3000 Datasheet
126Kb / 4P
   LC Connectors and Adapters
logo
Pasternack Enterprises,...
PE9569 PASTERNACK-PE9569 Datasheet
239Kb / 2P
   LC Male to LC Male Adapter
PE9419 PASTERNACK-PE9419 Datasheet
240Kb / 2P
   LC Female to LC Female Adapter
logo
Molex Electronics Ltd.
106123-0200 MOLEX-106123-0200 Datasheet
162Kb / 2P
   Quad LC Optical Adapter
1061261700 MOLEX-1061261700 Datasheet
51Kb / 1P
   LC Adapter Kit, Duplex, Snap Mount, Includes LC Duplex Receptacle and Mounting Plate
logo
Pasternack Enterprises,...
PE9398 PASTERNACK-PE9398 Datasheet
241Kb / 2P
   LC Male to LC Female Right Angle Adapter
logo
Molex Electronics Ltd.
1060590200 MOLEX1-1060590200 Datasheet
49Kb / 1P
   Optical Industrial Adapter, LC Duplex, Multimode
logo
Pasternack Enterprises,...
PE9237 PASTERNACK-PE9237 Datasheet
245Kb / 2P
   N Female to LC Male Adapter
PE9413 PASTERNACK-PE9413 Datasheet
241Kb / 2P
   LC Female to HN Male Adapter
PE9298 PASTERNACK-PE9298 Datasheet
233Kb / 2P
   N Female to LC Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com