Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ9731-1C-6DC1ER1 Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ9731-1C-6DC1ER1
Description  40 AMP MINI-ISO AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ9731-1C-6DC1ER1 Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ9731-1C-6DC1ER1 Datasheet HTML 1Page - American Zettler, Inc. AZ9731-1C-6DC1ER1 Datasheet HTML 2Page - American Zettler, Inc. AZ9731-1C-6DC1ER1 Datasheet HTML 3Page - American Zettler, Inc. AZ9731-1C-6DC1ER1 Datasheet HTML 4Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 40 A 14 VDC Res.
Operate Time (max.)
7 ms at nominal coil voltage
Release Time (max.)
5 ms at nominal coil voltage
Dielectric Strength
500 Vrms coil to contact
(at sea level for 1 min.) 500 Vrms contact to contact
Insulation Resistance
100 megohms min. at 500 VDC, 20°C
50% RH
Dropout
Greater than 15% of nominal coil voltage
Ambient Temperature
Operating
-40°C (-40°F) to 125°C (257°F)
Storage
-55°C (-67°F) to 155°C (311°F)
Vibration
0.062” DA at 10-40 Hz
Shock
15 grams
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy
0.25 Quick Connect
Note: Allow suitable slack on leads when wiring, and do
not subject the terminals to excessive force.
Weight
31 grams
AZ9731
3/10/09
40 AMP MINI-ISO
AUTOMOTIVE RELAY
FEATURES
• Quick connect terminals
• 40 Amp contact rating
• High operating temperature (125°C)
• Epoxy sealed versions available
• Plastic or steel mounting bracket available
• Resistor or diode parallel to coil available
• ISO/TS 16949, ISO14001
• Tested in accordance with SAE J2544
CONTACTS
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
SPST NO DM ( 1 Form U)
Ratings
Resistive load:
Max. switched power: 630 W (SPST)
630 W (N.O.)
473 W (N.C.)
Max. switched current: 40 A (SPST)
40 A (N.O.)
30 A (N.C.)
Max. switched voltage: 75 VDC
Material
Silver tin oxide
Resistance
< 100 milliohms initially
(6 V, 1 A voltage drop method)
COIL
Power
At Pickup Voltage
0.68 W
(typical)
Max. Continuous
4.8 W at 20°C (68°F)
Dissipation
Temperature Rise
75°C (135°F) at nominal coil voltage (40A)
Temperature
Max. 125°C (257°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ9731-1C-6DC1ER1

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ9731 ZETTLER-AZ9731 Datasheet
115Kb / 3P
   40 Amp contact rating
logo
American Zettler, Inc.
AZ9731F AZETTLER-AZ9731F Datasheet
564Kb / 2P
   30 Amp contact rating (30A Fuse)
AZ9731T AZETTLER-AZ9731T Datasheet
348Kb / 3P
   50 Amp contact rating
More results

Similar Description - AZ9731-1C-6DC1ER1

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
PC792B PICKER-PC792B Datasheet
679Kb / 2P
   40/40 Amp Automotive Plug-In / PCB Mini ISO Relay
logo
American Zettler, Inc.
AZ979 AZETTLER-AZ979 Datasheet
148Kb / 3P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ986 AZETTLER-AZ986 Datasheet
114Kb / 3P
   40 AMP 280-ISO AUTOMOTIVE RELAY
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9831 AZETTLER-AZ9831 Datasheet
81Kb / 2P
   70 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
PC792C PICKER-PC792C_17 Datasheet
614Kb / 2P
   50/40 Amp Automotive Plug-In / PCB Mini ISO Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com