Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ21501 Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ21501
Description  40 AMP MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ21501 Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ21501 Datasheet HTML 1Page - American Zettler, Inc. AZ21501 Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 30 A 120 VAC Res.
Operate Time
15 msec max. at nominal coil voltage
Release Time
10 msec max. at nominal coil voltage
(without suppression)
Dielectric Strength
1500 Vrms contact to contact
(at sea level for 1 min.)
2500 Vrms contact to coil
4000 Vrms contact to coil “T” version
Insulation Resistance
1000 megohms min. at 20°C, 500 VDC
50% RH
Dropout
DC: > 10% of nominal coil voltage
AC: > 30% of nominal coil voltage
Ambient Temperature
-55°C (-67°F) to 100°C (212°F) Class B
Operating
-55°C (-67°F) to 130°C (266°F) Class B
Storage
-55°C (-67°F) to 125°C (257°F) Class F
-55°C (-67°F) to 155°C (311°F) Class F
Vibration
0.062" DA at 10–55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.,
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
30 grams
AZ21501
3/10/09
40 AMP MINIATURE
POWER RELAY
FEATURES
• 1 Form A, B and C contacts available
• AC and DC coils available
• Class F high temperature available
• Epoxy sealed versions available
• UL, CUR file E44211
• TÜV Pending
COIL
Power
At Pickup Voltage
DC: 500 mW
(typical)
AC: 1.4 VA
Max. Continuous
DC: 1.7 W at 20°C
Dissipation
AC: 2.7 VA at 20°C
Max. Temperature
Max. 130°C (266°F) Class B
Max. 155°C (311°F) Class F
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
CONTACTS
Arrangement
SPST (1 Form A, or B)
SPDT (1 Form C)
Ratings
Resistive load:
Max. switched power: 1100 W or 7200 VA
Max. switched current: 40 A (Form A)
Max. switched voltage: 300 VAC, 110 VDC
UL, CUR
NO:40 A at 240 VAC,
30 A General Purpose
2 HP at 250 Vac, 277 VAC
NC: 30A at 240 Vac, 30A at 30 VDC
20A General Purpose
1 1/2 HP at 250 Vac, 277 VAC
TUV
NO: 40A at 240 VAC, 14 VDC
NC: 30A at 240 VAC, 14 VDC
Material
Silver cadmium oxide [1], silver tin oxide [2
Resistance
< 50 milliohms initially
(24 V, 1 A voltage drop method)


Similar Part No. - AZ21501

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ2150 ZETTLER-AZ2150 Datasheet
70Kb / 2P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2150 AZETTLER-AZ2150 Datasheet
94Kb / 2P
   40A MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2150 ZETTLER-AZ2150 Datasheet
59Kb / 2P
   MINIATURE POWER RELAY
AZ2150-1A-110D ZETTLER-AZ2150-1A-110D Datasheet
70Kb / 2P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2150-1A-110D AZETTLER-AZ2150-1A-110D Datasheet
94Kb / 2P
   40A MINIATURE POWER RELAY
More results

Similar Description - AZ21501

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ21001 AZETTLER-AZ21001 Datasheet
122Kb / 2P
   40 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ970E ZETTLER-AZ970E Datasheet
85Kb / 2P
   40 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ970 ZETTLER-AZ970 Datasheet
84Kb / 2P
   40 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
Picker Components
PC740 PICKER-PC740_16 Datasheet
643Kb / 4P
   40 Amp Power Relay
PC740 PICKER-PC740_17 Datasheet
1Mb / 4P
   40 Amp Power Relay
PC740 PICKER-PC740 Datasheet
229Kb / 2P
   40 Amp Power Relay
logo
List of Unclassifed Man...
AZ2280 ETC-AZ2280 Datasheet
69Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ760 ZETTLER-AZ760_10 Datasheet
127Kb / 2P
   20 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com