Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

106154-0022 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 106154-0022
Description  Universal Optical Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

106154-0022 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  106154-0022 Datasheet HTML 1Page - Molex Electronics Ltd. 106154-0022 Datasheet HTML 2Page - Molex Electronics Ltd. 106154-0022 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES AND SPECIFICATIONS
Universal Optical Adapter
106154
SPECIFICATIONS
Die-cast SC panel housing with EMI shielding
provides EMI and Radio Frequency Interference
(RFI) shielding on the internal SC adapter side
Interchangeable SC, ST and FC user interfaces allows
fast and easy conversion for multiple applications
Easy front-access to the alignment sleeve and
internally-mated connector endface allows easy
inspection and cleaning without entering the
enclosure
Available as individual components allows for
customized configuration prior to shipping or after
delivery to customer
Features and Benefits
Populate multiple optical-connector interfaces with Molex’s Universal Optical Adapter
The Universal Optical Adapter allows customers
to interchange one half of the optical interface to
suite the application. All of the functionality and
performance benefits from a standard optical adapter
are maintained in this versatile design.
The universal optical adapter provides a common
panel-mounting hole, which permits an internally
mounted SC connector to be mated to a SC, ST or FC
connector on the opposite side. This design allows
the user interface to be converted between the three
connector styles as needed. The universal adapter can
also be used to mate SC/APC (angle-polished endface)
to SC/APC and FC/APC terminations. When the
customer interface is removed, the alignment sleeve
may be easily extracted, exposing the ferrule and
endface of the internally-mounted SC connector. With
the sleeve removed, the customer has access to clean
the internally-mated connector without disconnecting it
from the adapter and without entering the enclosure,
providing a safe and fast method to ensure proper
optical performance.
The universal optical adapter is offered in two options,
as a pre-assembled adapter as well as individual
components, providing the OEM design flexibility.
The first option, pre-assembled adapters, are provided
ready to install and use. The second option is to only
populate the internal-adapter side, allowing customized
configuration prior to shipping or by the customer after
delivery. By using a common SC interface, OEM’s can
minimize the number of panel designs required for
multiple adapter styles. In addition, simplified stock
management will result with fewer part numbers and
stock quantities.
Electro Magnetic Interference (EMI) shielding is
available on select adapters. Future designs will also
incorporate an LC version which is compatible with the
existing user interface, allowing the interconnection of
2.5mm ferrule connectors (FC,SC or ST) to Small Form
Factor (SFF) 1.25mm (LC) connectors.
Reference Information
Packaging: Individual bag or tray
Mates With Connectors:
SC Tunable, Series 106032
SC Non-tunable, Series 106063
SC/APC, Series 106065
FC, Series 106053
FC/APC, Series 106055
ST, Series 106010
STII, Series 106012
Designed In: Millimeters
Mechanical
Durability: >200 mate and demate cycles
Insertion Loss:  0.2dB typical
Mounting Style: Snap
Physical
Panel Housing: Zinc Die-cast
Plating: Nickel
User Interface: Polymer
Alignment sleeve: Zirconia (Zr) Ceramic or Phosphor
Bronze (CuSn)
Operating Temperature: -40 to +85° C


Similar Part No. - 106154-0022

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
10615-10 ANAREN-10615-10 Datasheet
143Kb / 3P
   Directional Couplers
10615-10 ANAREN-10615-10 Datasheet
149Kb / 4P
   Directional Couplers
10615-10 ANAREN-10615-10_14 Datasheet
149Kb / 4P
   Directional Couplers
10615-20 ANAREN-10615-20 Datasheet
112Kb / 3P
   Directional Couplers
10615-20 ANAREN-10615-20 Datasheet
118Kb / 4P
   Directional Couplers
More results

Similar Description - 106154-0022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1060590020 MOLEX-1060590020_V01 Datasheet
44Kb / 1P
   Universal Optical Adapter Accessory, Dust Cap / Pulling Cap
1060590020 MOLEX1-1060590020 Datasheet
44Kb / 1P
   Universal Optical Adapter Accessory, Dust Cap / Pulling Cap
logo
OPLINK Communications I...
ADAP-S0001 OPLINK-ADAP-S0001 Datasheet
238Kb / 2P
   Optical Adapter
logo
Glenair, Inc.
630-031 GLENAIR-630-031 Datasheet
254Kb / 2P
   Universal Environmental Adapter
logo
Pomona Electronics
5698 POMONA-5698 Datasheet
814Kb / 3P
   Universal Adapter Kit
logo
Toshiba Semiconductor
TOCA100 TOSHIBA-TOCA100 Datasheet
70Kb / 3P
   SIMPLEX TYPE OPTICAL ADAPTER
logo
Molex Electronics Ltd.
106123-0200 MOLEX-106123-0200 Datasheet
162Kb / 2P
   Quad LC Optical Adapter
logo
Toshiba Semiconductor
TOCA200 TOSHIBA-TOCA200 Datasheet
72Kb / 3P
   DUPLEX TYPE OPTICAL ADAPTER
TOCA150 TOSHIBA-TOCA150 Datasheet
69Kb / 3P
   SIMPLEX TYPE OPTICAL ADAPTER
logo
Level One
LXT908 LVL1-LXT908 Datasheet
2Mb / 32P
   Universal Ethernet Interface Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com