Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

106154-0016 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 106154-0016
Description  Universal Optical Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

106154-0016 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  106154-0016 Datasheet HTML 1Page - Molex Electronics Ltd. 106154-0016 Datasheet HTML 2Page - Molex Electronics Ltd. 106154-0016 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Visit our website at www.molex.com/product/fiber/emiadapter.html
Order No. USA-348
Printed in USA/JI/2006.05
©2006, Molex
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Universal Optical Adapter
106154
Accessories, SC Base Sub Assembly
Order No.
Alignment Sleeve
Color
EMI Shield
106154-0010
Zirconia
Metal
Yes
106154-0012
Phosphor Bronze
Metal
Yes
106154-0015
Zirconia
Metal
No
106154-0016
Phosphor Bronze
Metal
No
Accessories, End-User Interface
Order No.
End-User Interface
Color
Shutter
106154-0020
SC
Blue
Yes
106154-0022
SC
Beige
Yes
106154-0025
SC/APC
Green
Yes
106154-0031
FC
Blue
No
106154-0033
FC
Beige
No
106154-0036
FC/APC
Green
No
106154-0041
ST
Blue
No
106154-0043
ST
Beige
No
Accessories
Order No.
Components
106154-0006
Dust Cap, Removal Tool
106154-0050
Alignment Sleeve Assembly, Zirconia
106154-0051
Alignment Sleeve Assembly, Phosphor Bronze
ORDERING INFORMATION


Similar Part No. - 106154-0016

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
10615-10 ANAREN-10615-10 Datasheet
143Kb / 3P
   Directional Couplers
10615-10 ANAREN-10615-10 Datasheet
149Kb / 4P
   Directional Couplers
10615-10 ANAREN-10615-10_14 Datasheet
149Kb / 4P
   Directional Couplers
10615-20 ANAREN-10615-20 Datasheet
112Kb / 3P
   Directional Couplers
10615-20 ANAREN-10615-20 Datasheet
118Kb / 4P
   Directional Couplers
More results

Similar Description - 106154-0016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1060590020 MOLEX-1060590020_V01 Datasheet
44Kb / 1P
   Universal Optical Adapter Accessory, Dust Cap / Pulling Cap
1060590020 MOLEX1-1060590020 Datasheet
44Kb / 1P
   Universal Optical Adapter Accessory, Dust Cap / Pulling Cap
logo
OPLINK Communications I...
ADAP-S0001 OPLINK-ADAP-S0001 Datasheet
238Kb / 2P
   Optical Adapter
logo
Glenair, Inc.
630-031 GLENAIR-630-031 Datasheet
254Kb / 2P
   Universal Environmental Adapter
logo
Pomona Electronics
5698 POMONA-5698 Datasheet
814Kb / 3P
   Universal Adapter Kit
logo
Toshiba Semiconductor
TOCA100 TOSHIBA-TOCA100 Datasheet
70Kb / 3P
   SIMPLEX TYPE OPTICAL ADAPTER
logo
Molex Electronics Ltd.
106123-0200 MOLEX-106123-0200 Datasheet
162Kb / 2P
   Quad LC Optical Adapter
logo
Toshiba Semiconductor
TOCA200 TOSHIBA-TOCA200 Datasheet
72Kb / 3P
   DUPLEX TYPE OPTICAL ADAPTER
TOCA150 TOSHIBA-TOCA150 Datasheet
69Kb / 3P
   SIMPLEX TYPE OPTICAL ADAPTER
logo
Level One
LXT908 LVL1-LXT908 Datasheet
2Mb / 32P
   Universal Ethernet Interface Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com