Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ9711-1C-24DET Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ9711-1C-24DET
Description  45 AMP AUTOMOTIVE RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ9711-1C-24DET Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ9711-1C-24DET Datasheet HTML 1Page - American Zettler, Inc. AZ9711-1C-24DET Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RELAY ORDERING DATA — SENSITIVE COIL
COIL SPECIFICATIONS
ORDER NUMBER
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
VDC
VDC
VDC
±10%
Open
Sealed*
6
4.5
11.3
30.0
AZ9701–1A–6DST AZ9701–1C–6DST AZ9711–1A–6DSET AZ9711–1C–6DSET
9
6.8
17.0
68.0
AZ9701–1A–9DST AZ9701–1C–9DST AZ9711–1A–9DSET AZ9711–1C–9DSET
12
9.0
22.6
120.0
AZ9701–1A–12DST AZ9701–1C–12DSTAZ9711–1A–12DSET AZ9711–1C–12DSET
24
19.2
45.2
480.0
AZ9701–1A–24DST AZ9701–1C–24DSTAZ9711–1A–24DSET AZ9711–1C–24DSET
*Add suffix “K” to add third yoke pin.
RELAY ORDERING DATA — STANDARD COIL
COIL SPECIFICATIONS
ORDER NUMBER
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
VDC
VDC
VDC
±10%
Open
Sealed*
6
3.3
9.0
19.0
AZ9701–1A–6DT
AZ9701–1C–6DT AZ9711–1A–6DET
AZ9711–1C–6DET
9
5.1
14.7
51.0
AZ9701–1A–9DT
AZ9701–1C–9DT AZ9711–1A–9DET
AZ9711–1C–9DET
12
6.8
19.6
90.0
AZ9701–1A–12DT AZ9701–1C–12DT AZ9711–1A–12DET AZ9711–1C–12DET
24
13.9
39.3
362.0
AZ9701–1A–24DT AZ9701–1C–24DT AZ9711–1A–24DET AZ9711–1C–24DET
AZ9701/AZ9711
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ±0.010"
Viewed towards terminals
.161
[4.08]
FORM C
3
5
AZ9711 Outline Dimensions and PCB Layout
.586
[14.88]
.048 [1.22] x .063 [1.6]
.025 [.64] x .048 [1.22]
.070 [1.78] x .032 [.81]
.176
[4.47]
.586
[14.88]
.268
[6.81]
.467
[11.87]
.148
[3.75]
.211
[5.35]
.092
[2.33]
4
2
1
4
4
FORM A
5
4
2
1
4
.092
[2.33]
.467
[11.87]
.161
[4.08]
.134
[3.4]
.147
[3.73]
.213
[5.4]
.211
[5.35]
.148
[3.75]
4
4
1, 2
3, 5
Term.
Terminal Dimensions
Dimensions
AZ9701 Outline Dimensions and PCB Layout
Optional
3rd Yoke
Termminal
.138
.717
[18.2 MAX]
.748
[19.0 MAX]
.909
[23.1 MAX]
.866
[22.0 MAX]
.878
[22.3 MAX]
.142
[3.6 MAX]]
1.043
[26.5 MAX]
Viewed towards terminals
.483
[12.28]
.483
[12.28]
7/17/08W


Similar Part No. - AZ9711-1C-24DET

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9711E AZETTLER-AZ9711E Datasheet
124Kb / 2P
   45 AMP AUTOMOTIVE RELAY
AZ9711E-1A-12DET AZETTLER-AZ9711E-1A-12DET Datasheet
124Kb / 2P
   45 AMP AUTOMOTIVE RELAY
AZ9711E-1A-12DSET AZETTLER-AZ9711E-1A-12DSET Datasheet
124Kb / 2P
   45 AMP AUTOMOTIVE RELAY
AZ9711E-1A-24DET AZETTLER-AZ9711E-1A-24DET Datasheet
124Kb / 2P
   45 AMP AUTOMOTIVE RELAY
AZ9711E-1A-24DSET AZETTLER-AZ9711E-1A-24DSET Datasheet
124Kb / 2P
   45 AMP AUTOMOTIVE RELAY
More results

Similar Description - AZ9711-1C-24DET

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9701E AZETTLER-AZ9701E Datasheet
124Kb / 2P
   45 AMP AUTOMOTIVE RELAY
logo
Picker Components
PC822 PICKER-PC822_17 Datasheet
728Kb / 2P
   45 Amp Miniature Automotive PCB Power Relay
logo
ZETTLER Electronics
AZ973 ZETTLER-AZ973 Datasheet
88Kb / 4P
   40 AMP AUTOMOTIVE RELAY
AZ980 ZETTLER-AZ980 Datasheet
61Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
American Zettler, Inc.
AZ9721 AZETTLER-AZ9721 Datasheet
139Kb / 4P
   40 AMP AUTOMOTIVE RELAY
logo
ZETTLER Electronics
AZ983 ZETTLER-AZ983 Datasheet
60Kb / 2P
   80 AMP AUTOMOTIVE RELAY
AZ979 ZETTLER-AZ979_11 Datasheet
56Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
AZ983 ETC-AZ983 Datasheet
73Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
ZETTLER Electronics
AZ980 ZETTLER-AZ980_11 Datasheet
56Kb / 2P
   80 AMP AUTOMOTIVE RELAY
AZ979 ZETTLER-AZ979 Datasheet
63Kb / 2P
   80 AMP AUTOMOTIVE RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com