Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ9431-1CH-5DE Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ9431-1CH-5DE
Description  15 AMP MINIATURE PC BOARD RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ9431-1CH-5DE Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ9431-1CH-5DE Datasheet HTML 1Page - American Zettler, Inc. AZ9431-1CH-5DE Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Mechanical
1 x 106
Electrical
1 x 105 at 10 A 120 VAC res.
Operate Time
10 ms max.
Release Time
5 ms max.
(with no coil suppression)
Dielectric Strength
3000 Vrms contact to coil (6 kV version)
1500 Vrms contact to coil
1000 Vrms across contacts
Insulation Resistance
100 megohms min. at 500 VDC,
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C(-40°F) to 100°C(212°F)
-40°C(-40°F) to 155°C(311°F)
Vibration
0.062" DA at 10–55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
10 g
COIL
Power
At Pickup Voltage
203 mW
Max Continuous
1.7 W at 20°C (68°F)
Dissipation
Temperature Rise
22°C (40°F)
(at nominal coil voltage)
Temperature
Max. 130°C (266°F) Class B
Max. 155°C (311°F) Class F
CONTACTS
Arrangement
SPST N.O. (1 Form A)
SPDT (1 Form C)
Ratings
Medium Duty
Max. switched power: 240 W or 1200 VA
Max. switched current: 10 A
Max. switched voltage: 150* VDC or 300 VAC
Heavy Duty
Max. switched power:
360 W or 2500 VA
Max. switched current: 15 A
Max. switched voltage: 150* VDC or 300 VAC
UL/CUR Ratings
Medium Duty
10 A at 120 VAC, General Use
10 A at 24 VDC, General Use
Heavy Duty
10 A at 250 VAC, General Use
15 A at 120 VAC, General Use
15 A at 24 VDC, General Use
*
Note: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Material
Medium Duty: Silver cadmium oxide
Heavy Duty: Silver tin oxide
Resistance
< 100 milliohms initially
(24 V, 1 A method)
5/26/05W
AZ9431
15 AMP
MINIATURE
PC BOARD RELAY
FEATURES
• High performance
• Low seated height
• 6 kV surge version available
• Flux tight and sealed versions available
• Class B insulation (130°C) standard, Class F (155°C) available
• UL, CUR file E43203
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Unsealed relays should not be dip cleaned.
4. Specifications subject to change without notice.
(at sea level for 1 min.)
Storage


Similar Part No. - AZ9431-1CH-5DE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ9431AQ DIODES-AZ9431AQ Datasheet
880Kb / 9P
   AUTOMOTIVE COMPLIANT 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR
January 2022 Rev. 2 - 2
AZ9431AQSA-7 DIODES-AZ9431AQSA-7 Datasheet
880Kb / 9P
   AUTOMOTIVE COMPLIANT 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR
January 2022 Rev. 2 - 2
AZ9431BQ DIODES-AZ9431BQ Datasheet
615Kb / 9P
   AUTOMOTIVE COMPLIANT 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR
AZ9431BQ DIODES-AZ9431BQ Datasheet
880Kb / 9P
   AUTOMOTIVE COMPLIANT 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR
January 2022 Rev. 2 - 2
AZ9431BQSA-7 DIODES-AZ9431BQSA-7 Datasheet
880Kb / 9P
   AUTOMOTIVE COMPLIANT 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR
January 2022 Rev. 2 - 2
More results

Similar Description - AZ9431-1CH-5DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943 Datasheet
45Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ943 AZETTLER-AZ943 Datasheet
109Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ943H AZETTLER-AZ943H Datasheet
116Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ932 AZETTLER-AZ932 Datasheet
176Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943_14 Datasheet
63Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ943S ZETTLER-AZ943S Datasheet
57Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY SMT
logo
American Zettler, Inc.
AZ943S AZETTLER-AZ943S Datasheet
136Kb / 2P
   15 AMP (SMT) MINIATURE PC BOARD RELAY
logo
Tyco Electronics
SRUUH MACOM-SRUUH Datasheet
46Kb / 2P
   15 Amp Miniature Power PC Board Relay
RT334012F MACOM-RT334012F Datasheet
77Kb / 2P
   16 Amp PC Board Miniature Relay
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H_15 Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com