Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AND208RA Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND208RA
Description  Standard Bright LED Lamps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND208RA Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND208RA Datasheet HTML 1Page - Purdy Electronics Corporation AND208RA Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AND208RA
Standard Bright LED Lamps
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com •
www.purdyelectronics.com
7/18/07
IV vs. TC
3
2
1
0.5
0.4
0.3
-20
0
204060
80
Case Temperature TC (°C)
IV vs.TA
Ambient Temperature TA (°C)
40
30
20
10
0
0
20406080
100
1.0
0.8
0.6
0.4
0.2
0
640
660
680
700
720
740
760
660
680
700
720
740
760
780
800
TA = 25°
5
2
1
0.5
0.2
0.1
1
25
10
Forward Current IF (mA)
This graph shows relative luminous vs. forward current.
At three points (IF = 10, 15, 20mA) each relation is normalized.)
20
50
IV vs. IF
Relative Luminous Intensity vs. Wavelength
Wavelength (nm)
660
680
700
720
740
760
780
800
TA = 25°
2.3
1.7
1.8
1.9
2.0
2.1
2.2
1
3
2
5
10
30
20
50
Forward Voltage VF (V)
IF vs. VF
TA = 25°C


Similar Part No. - AND208RA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND208GA PURDY-AND208GA Datasheet
47Kb / 2P
   Standard Bright LED Lamps
AND208SGA PURDY-AND208SGA Datasheet
50Kb / 3P
   Standard Bright LED Lamps
AND208YA PURDY-AND208YA Datasheet
47Kb / 2P
   Standard Bright LED Lamps
AND208YGA PURDY-AND208YGA Datasheet
50Kb / 3P
   Standard Bright LED Lamps
More results

Similar Description - AND208RA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND114G PURDY-AND114G Datasheet
87Kb / 2P
   Standard Bright LED LAMPS
AND218YPA PURDY-AND218YPA Datasheet
45Kb / 2P
   Standard Bright LED Lamps
AND113G-GP PURDY-AND113G-GP Datasheet
88Kb / 2P
   Standard Bright LED LAMPS
AND114G-GP PURDY-AND114G-GP Datasheet
87Kb / 2P
   Standard Bright LED LAMPS
AND820HW PURDY-AND820HW Datasheet
377Kb / 2P
   Standard Bright LED Lamps
AND113Y PURDY-AND113Y Datasheet
87Kb / 2P
   Standard Bright LED LAMPS
AND114Y PURDY-AND114Y Datasheet
87Kb / 2P
   Standard Bright LED LAMPS
AND208YA PURDY-AND208YA Datasheet
47Kb / 2P
   Standard Bright LED Lamps
AND205YA PURDY-AND205YA Datasheet
46Kb / 2P
   Standard Bright LED Lamps
AND211GA PURDY-AND211GA Datasheet
46Kb / 2P
   Standard Bright LED Lamps
AND181YP PURDY-AND181YP Datasheet
82Kb / 2P
   Standard Bright LED LAMPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com