Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ9481F-1A-24D Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ9481F-1A-24D
Description  16 AMP LOW PROFILE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ9481F-1A-24D Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ9481F-1A-24D Datasheet HTML 1Page - American Zettler, Inc. AZ9481F-1A-24D Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 10 A 250 VAC Res.
Operate Time (typical)
10 ms at nominal coil voltage
Release Time (typical)
5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
2500 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms contact to contact
Insulation
100 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F)
Storage
-40°C (-40°F) to 155°C (333°F)
Vibration
0.062" DA at 10–55 Hz
Shock
10 g operational, 100g destructive
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C. with quick
connect tabs
Note: Allow suitable slack on leads when wiring,
and do not subject the terminals to excessive
force.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
8 grams
CONTACTS
Arrangement
SPST (1 Form A)
Ratings
Resistive load:
Standard
Max. switched power: 300 W, 2500 VA
1 Form A
Max. switched current: 10 A
Max. switched voltage: 250 VAC / 30 VDC
High Capacity
Max. switch power: 300 W, 4000 VA
1 Form A
Max. switch current: 16 A
Max. switched voltage: 250 VAC / 30 VDC
Rated Load
Standard 1 Form A
10 A at 250 VAC Res. 100k cycles [1][2]
10 A at 30 VDC Res. 100k cycles [1][2]
TV-5 [1][2]
High Capacity 1 Form A
16 A at 125 VAC Res. 100k cycles [1][2]
10 A at 30 VDC Res. 100k cycles [1][2]
TV-5 [1][2]
High Capacity 1 Form A
16 A at 250 VAC Res. 100k cycles [1][2]
8 A at 250 VAC cos phi = 0.4 100k cycles [1][2]
10 A at 30 VDC Res. 100k cycles [1][2]
Silver cadmium oxide [1] or silver tin oxide [2]
Gold plating available.
Resistance
< 100 milliohms initially
(6 V, 1 A voltage drop method)
AZ9481F
12/14/05W
16 AMP LOW PROFILE
POWER RELAY
FEATURES
• Quick connect and PC terminals
• High power switching (4000 VA)
• High sensitivity, 128 mW pickup
• Low profile (less than .55" height)
• SPST (1 Form A)
• UL Class F (155°C) standard
• Epoxy sealed versions available
• DC coils up to 48 VDC
• UL file E43203, TÜV R50053055
COIL
Power
At Pickup Voltage
128 mW
(typical)
Max. Continuous
1.34 W at 20°C (68°F)
Dissipation
Temperature Rise
13°C (23°F) at nominal coil voltage
Temperature
Max. 155°C (333°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
UL
Material
TÜV


Similar Part No. - AZ9481F-1A-24D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9481 AZETTLER-AZ9481 Datasheet
117Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ9481 ZETTLER-AZ9481 Datasheet
56Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ9481-1A-12D AZETTLER-AZ9481-1A-12D Datasheet
117Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ9481-1A-12D ZETTLER-AZ9481-1A-12D Datasheet
56Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ9481-1A-18D AZETTLER-AZ9481-1A-18D Datasheet
117Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
More results

Similar Description - AZ9481F-1A-24D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ944 ZETTLER-AZ944 Datasheet
103Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ944 AZETTLER-AZ944 Datasheet
76Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
AZ9481 AZETTLER-AZ9481 Datasheet
117Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ948 ZETTLER-AZ948 Datasheet
139Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ948 AZETTLER-AZ948 Datasheet
80Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
List of Unclassifed Man...
AZ948 ETC-AZ948 Datasheet
48Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ9481 ZETTLER-AZ9481 Datasheet
56Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ936 AZETTLER-AZ936 Datasheet
76Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ936 ZETTLER-AZ936 Datasheet
71Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
logo
List of Unclassifed Man...
AZ936 ETC2-AZ936 Datasheet
42Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com