Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75757-1402 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 75757-1402
Description  MX150??Dual-Row Unshrouded Breakaway Header
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

75757-1402 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  75757-1402 Datasheet HTML 1Page - Molex Electronics Ltd. 75757-1402 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our website at www.molex.com/product/mx150ubh.html
Order No. USA-342
Printed in USA/JI/2006.03
©2006, Molex
3.50mm (.138") Pitch
MX150™
Dual-Row Unshrouded
Breakaway Header
75757
ORDERING INFORMATION
Outdoor applications
- Telecommunications devices
- Lighting
- Audio
Automotive related markets
- Automotive suppliers (tier 1 or tier 2)
- Trucking industry
- Specialty vehicle manufactures
- Automotive aftermarket and specialty equipment
manufacturers
Recreational Markets
- Outdoor power equipment
- Recreational vehicles
- Snowmobiles
- Motorcycles
- ATV’s
Indoor sealed applications
- Appliances
- Restaurant equipment makers
- Utility equipment manufacturers
Circuits
3.05mm (.120”) PC Tail
4.75mm (.187”) PC Tail
Overall Tin (Sn)
15µ” Select Gold (Au)
30µ” Select Gold (Au)
Overall Tin (Sn)
15µ” Select Gold (Au)
30µ” Select Gold (Au)
2x10
75757-1401
75757-1201
75757-1301
75757-1402
75757-1202
75757-1302


Similar Part No. - 75757-1402

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75757-1402 MOLEX9-75757-1402 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 20 Circuits, 1.5關m (60關) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length, 4.75mm (.187) PC Tail Length
More results

Similar Description - 75757-1402

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-75757-010 MOLEX-SD-75757-010 Datasheet
203Kb / 2P
   MX150 SINGLE ROW UNSHROUDED VERTICAL HEADER ASSEMBLY
2020/03/02
0759001121 MOLEX9-0759001121 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch, MX150??Dual Row Header, Breakaway, Right Angle, 4 Circuits
0759001382 MOLEX9-0759001382 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch, MX150 Dual Row Header, Breakaway, Right Angle, 16 Circuits
0759001361 MOLEX9-0759001361 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch, MX150 Dual Row Header, Breakaway, Right Angle, 12 Circuits
0759001221 MOLEX9-0759001221 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch, MX150 Dual Row Header, Breakaway, Right Angle, 4 Circuits
0759001161 MOLEX9-0759001161 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch, MX150 Dual Row Header, Breakaway, Right Angle, 12 Circuits
0759001441 MOLEX9-0759001441 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch, MX150 Dual Row Header, Breakaway, Right Angle, 8 Circuits
0759001481 MOLEX9-0759001481 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch, MX150 Dual Row Header, Breakaway, Right Angle, 16 Circuits
0759001201 MOLEX9-0759001201 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch, MX150 Dual Row Header, Breakaway, Right Angle, 20 Circuits
0759001342 MOLEX9-0759001342 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch, MX150 Dual Row Header, Breakaway, Right Angle, 8 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com