Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ6962-2AE-24DE Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ6962-2AE-24DE
Description  10 AMP SUBMINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ6962-2AE-24DE Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ6962-2AE-24DE Datasheet HTML 1Page - American Zettler, Inc. AZ6962-2AE-24DE Datasheet HTML 2Page - American Zettler, Inc. AZ6962-2AE-24DE Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AZ6962
RELAY ORDERING DATA
COIL SPECIFICATIONS - 1A & 1C
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
1 Form A
1 Form C
VDC
VDC
VDC
Ohm
(SPST-NO)
(SPDT)
5
3.5
11.6
113 ± 10%
AZ6962–1AE–5DE
AZ6962–1CE–5DE
6
4.2
14.0
164 ± 10%
AZ6962–1AE–6DE
AZ6962–1CE–6DE
9
6.3
20.8
360 ± 10%
AZ6962–1AE–9DE
AZ6962–1CE–9DE
12
8.4
27.2
620 ± 10%
AZ6962–1AE–12DE
AZ6962–1CE–12DE
15
10.5
31.0
800 ± 10%
AZ6962–1AE–15DE
AZ6962–1CE–15DE
18
12.6
39.4
1,295 ± 10%
AZ6962–1AE–18DE
AZ6962–1CE–18DE
24
16.8
53.1
2,350 ± 10%
AZ6962–1AE–24DE
AZ6962–1CE–24DE
48
33.6
98.0
8,000 ± 15%
AZ6962–1AE–48DE
AZ6962–1CE–48DE
60
42.0
122.4
12,500 ± 15%
AZ6962–1AE–60DE
AZ6962–1CE–60DE
COIL SPECIFICATIONS - 2C
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
2 Form A
2 Form C
VDC
VDC
VDC
Ohm
(DPST-NO)
(DPDT)
5
3.5
10.0
70 ± 10%
AZ6962–2AE–5DE
AZ6962–2CE–5DE
6
4.2
12.0
100 ± 10%
AZ6962–2AE–6DE
AZ6962–2CE–6DE
9
6.3
18.0
225 ± 10%
AZ6962–2AE–9DE
AZ6962–2CE–9DE
12
8.4
24.0
400 ± 10%
AZ6962–2AE–12DE
AZ6962–2CE–12DE
15
10.5
30.0
625 ± 10%
AZ6962–2AE–15DE
AZ6962–2CE–15DE
18
12.6
36.0
900 ± 10%
AZ6962–2AE–18DE
AZ6962–2CE–18DE
24
16.8
48.0
1600 ± 10%
AZ6962–2AE–24DE
AZ6962–2CE–24DE
48
33.6
96.0
6,400 ± 15%
AZ6962–2AE–48DE
AZ6962–2CE–48DE
60
42.0
120.0
10,000 ± 15%
AZ6962–2AE–60DE
AZ6962–2CE–60DE
* Add suffix “A” for gold plated contacts.
9/27/06W


Similar Part No. - AZ6962-2AE-24DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ6962-1AE-12D ZETTLER-AZ6962-1AE-12D Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ6962-1AE-12D ZETTLER-AZ6962-1AE-12D Datasheet
532Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
AZ6962-1AE-15D ZETTLER-AZ6962-1AE-15D Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ6962-1AE-15D ZETTLER-AZ6962-1AE-15D Datasheet
532Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
AZ6962-1AE-18D ZETTLER-AZ6962-1AE-18D Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
More results

Similar Description - AZ6962-2AE-24DE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962_15 Datasheet
532Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ7671 AZETTLER-AZ7671 Datasheet
180Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ696 AZETTLER-AZ696 Datasheet
90Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6961 ZETTLER-AZ6961_13 Datasheet
135Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ696 ETC-AZ696 Datasheet
57Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962 Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
Picker Components
PC835 PICKER-PC835_17 Datasheet
866Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC415 PICKER-PC415_15 Datasheet
523Kb / 2P
   10 Amp Subminiature PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com