Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ7671-1A-24DS Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ7671-1A-24DS
Description  10 AMP SUBMINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ7671-1A-24DS Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ7671-1A-24DS Datasheet HTML 1Page - American Zettler, Inc. AZ7671-1A-24DS Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACTS
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
Ratings
Resistive load:
Max. switched power: 150 W
1250 VA
Max. switched current: 10 A
Max. switched voltage: 30 VDC or 277 VAC
*
Note: If switching voltage is greater than 30VDC, special
precautions must be taken. Please contact the factory.
Rated Load
5A at 250 VAC
UL, CUR
10A at 125 VAC
4.2 A at 277 VAC
1/4 HP at 120/240/277 VAC
TV - 5 at 120 VAC
Pilot Duty at
24 VA, 24 VAC
125 VA at 120/240/277 VAC
C150 at 120 VAC
TUV
5A at 250 VAC
5A at 28 VDC
Material
silver nickel
Resistance
<100 milliohms initially
(24 V, 1 A voltage drop method)
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 5 A 240 VAC Res.
Operate Time (typical) 8 ms at nominal coil voltage
Release Time (typical) 5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
4000 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms between open contacts
Insulation
1000 megohms min. at 20°C
Resistance
500 VDC 50% RH
Dropout
Greater than 5% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 70°C (158°F), standard
Storage
-40°C (-40°F) to 130°C (266°F)
Vibration
0.062" DA at 10–50 Hz
Shock
100g for 11ms 1/2 sine pulse
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
6 grams
AZ7671
10/2/08 W
COIL
Power
At Pickup Voltage
253 mW standard
(typical)
113 mW sensitive
Max. Continuous
1.25 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
41°C (74°F) at nominal coil voltage, standard
22°C (40°F) at nominal coil voltage, sensitive
Temperature
Max. 105°C (221°F)
10 AMP SUBMINIATURE
POWER RELAY
FEATURES
• Small footprint
• Low cost
• Epoxy sealed version available
• 10 Amp switching
• UL, CUR E44211
• TuV pending
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ7671-1A-24DS

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ767 ZETTLER-AZ767 Datasheet
48Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ767 AZETTLER-AZ767 Datasheet
81Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ767 ZETTLER-AZ767 Datasheet
485Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
AZ767-1A-12D ZETTLER-AZ767-1A-12D Datasheet
48Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ767-1A-12D AZETTLER-AZ767-1A-12D Datasheet
81Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
More results

Similar Description - AZ7671-1A-24DS

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962_15 Datasheet
532Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6962 AZETTLER-AZ6962 Datasheet
125Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
AZ696 AZETTLER-AZ696 Datasheet
90Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6961 ZETTLER-AZ6961_13 Datasheet
135Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ696 ETC-AZ696 Datasheet
57Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962 Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
Picker Components
PC835 PICKER-PC835_17 Datasheet
866Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC415 PICKER-PC415_15 Datasheet
523Kb / 2P
   10 Amp Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com