Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ6962-1AE-60DE Datasheet(PDF) 3 Page - American Zettler, Inc.

Part # AZ6962-1AE-60DE
Description  10 AMP SUBMINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ6962-1AE-60DE Datasheet(HTML) 3 Page - American Zettler, Inc.

  AZ6962-1AE-60DE Datasheet HTML 1Page - American Zettler, Inc. AZ6962-1AE-60DE Datasheet HTML 2Page - American Zettler, Inc. AZ6962-1AE-60DE Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AZ6962
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
Maximum Switching Capacity
(1 Form A, and 1 Form C)
Coil Temperature Rise
Percent of Nominal Coil Voltage at 20°C
60%
80%
100%
120%
140%
160%
180% 200%
220%
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
10A
0A
.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
VOLTAGE
DC Resistive
Load
AC Resistive
Load
[28.5]
1.122
[12.5]
.492
[3.6]
.142
[0.8]
3 x .031
[0.4]
3 x .016
[0.3]
.012
[ø 0.5]
2 x ø .020
[10.1]
.398
1 FORM C
FORM C VERSION
CIRCUIT DIAGRAM
C BOARD LAYOUT
.398
[10.1]
[12.5]
.492
.012
[0.3]
2 x .031
[0.8]
[0.4]
2 x .016
2 x ø .020
[ø 0.5]
.142
[3.6]
FORM A VERSION
[28.5]
1.122
14
23
5
**
*
1 FORM A
13
24
* Not used on 1 Form C relay
1
4
23
5
[3.2]
.126
.050
[1.3]
[ø 1.3]
.298
[7.56]
.744
[18.9]
.116
[2.95]
.198
[5.04]
4 x ø .051
.126
[3.2]
.870
[22.1]
[ø 1.3]
5 x ø .051
[1.3]
.050
[1.57]
.062
[7.56]
.298
1 FORM A
1 FORM C
VIEWED TOWARD TERMINALS
6
7
8
[3.2]
.126
.126
[3.2]
[ø 1.3]
8 x ø .051
[1.3]
.050
[1.57]
.062
[7.56]
.298
2 FORM C
.744
[18.9]
2 FORM C
VIEWED TOWARD TERMINALS
FORM A VERSION
9/27/06W
PC BOARD LAYOUT
FORM C VERSION
CIRCUIT DIAGRAM


Similar Part No. - AZ6962-1AE-60DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ6962-1AE-60D ZETTLER-AZ6962-1AE-60D Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ6962-1AE-60D ZETTLER-AZ6962-1AE-60D Datasheet
532Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
More results

Similar Description - AZ6962-1AE-60DE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962_15 Datasheet
532Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ7671 AZETTLER-AZ7671 Datasheet
180Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ696 AZETTLER-AZ696 Datasheet
90Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6961 ZETTLER-AZ6961_13 Datasheet
135Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ696 ETC-AZ696 Datasheet
57Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962 Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
Picker Components
PC835 PICKER-PC835_17 Datasheet
866Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC415 PICKER-PC415_15 Datasheet
523Kb / 2P
   10 Amp Subminiature PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com