Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ2800-2C-277A Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ2800-2C-277A
Description  30 AMP MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ2800-2C-277A Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ2800-2C-277A Datasheet HTML 1Page - American Zettler, Inc. AZ2800-2C-277A Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACTS
Arrangement
DPST-N.O.
DPDT
Ratings
Resistive load:
Max. switched power: 560 W or 8310 VA
Max. switched current:30 A N.O, 3 A N.C.
Max. switched voltage: 600 VAC or 30 VDC*
UL, CUR
30 A at 277 VAC General Use, 100k cycles
N.O.
1 Hp at 120 VAC, 100k cycles
2.5 Hp at 240 VAC, 100k cycles
110 LRA/25.3 FLA at 240 VAC (DC coils only),
30k cycles
UL, CUR
3 A at 277 VAC General Use, 100k cycles
N.C.
VDE N.O. 20A 250VAC, N.C. 3A 250VAC
*Note: If switching voltage is greater than 30VDC,
special precautions must be taken. Please contact
the factory.
Material
Silver cadmium oxide, silver tin oxide
Resistance
<50 milliohms initially
(6 V, 1 A voltage drop method)
AZ2800
3/3/08W
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
5 x 107
Electrical
1 x 105 at 30 A 120 VAC Res. N.O.
Operate Time
15 ms typical
25 ms maximum with bounce
Release Time
10 ms typical
25 ms maximum with bounce
(with no coil suppression)
Dielectric Strength
1500 Vrms contact to contact
(at sea level for 1 min.) 4000 Vrms contact to coil
2000 Vrms between contact sets
Insulation Resistance
109 ohms minimum at 500 VDC
Dropout
DC: Greater than 10% of nominal coil voltage
AC: Greater than 20% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
DC: -40°C (-40°F) to 95°C (203°F)
AC: -40°C (-40°F) to 75°C (167°F)
Storage
-40°C (-40°F) to 155°C (311°F)
Vibration
0.062" DA at 10–55 Hz
Shock
Operational, 10 g for 11 ms 1/2 sine pulse
(no contact opening > 100usec)
Non-destructive, 100 g for 11 ms 1/2 sine pulse
Enclosure
P.B.T. polyester
Terminals
Quick connect tabs
Note: Allow suitable slack on leads when wiring,
and do not subject the terminals to excessive
force.
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
86 grams
COIL
Power
At Pickup Voltage
DC: 0.925 W
(typical)
AC: 2.6 VA
Max. Continuous
DC: 5.0 W at 20°C (68°F)
Dissipation
AC: 7.0 VA at 20°C (68°F)
Temperature Rise
DC: 48°C (86°F) at nominal coil voltage
AC: 68° C (122°F) at nominal coil voltage
Temperature
Max. 155°C (311°F)
30 AMP MINIATURE
POWER RELAY
FEATURES
• 30 Amp switching capability
• DPST-NO and DPDT configuration
• Meets 8 mm creepage, 4 kV dielectric
• Meets Class F construction
• Epoxy sealed versions available
• UL, CUR file E44211, VDE 40023442
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ2800-2C-277A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ2800-2C-277A5 ZETTLER-AZ2800-2C-277A5 Datasheet
59Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2800-2C-277A5 ZETTLER-AZ2800-2C-277A5 Datasheet
50Kb / 2P
   30 AMP MINIATURE POWER RELAY
More results

Similar Description - AZ2800-2C-277A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ2280 ETC-AZ2280 Datasheet
69Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2150W ZETTLER-AZ2150W Datasheet
532Kb / 3P
   30 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2310 AZETTLER-AZ2310 Datasheet
83Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2850 ZETTLER-AZ2850_14 Datasheet
52Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ2250 ETC1-AZ2250 Datasheet
43Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2800 ZETTLER-AZ2800 Datasheet
59Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2850 ZETTLER-AZ2850 Datasheet
60Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2270 AZETTLER-AZ2270 Datasheet
105Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2850 AZETTLER-AZ2850 Datasheet
113Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2800 ZETTLER-AZ2800_14 Datasheet
50Kb / 2P
   30 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com