Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ2701-2A-100D Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ2701-2A-100D
Description  30 AMP POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ2701-2A-100D Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ2701-2A-100D Datasheet HTML 1Page - American Zettler, Inc. AZ2701-2A-100D Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 106
Electrical
1 x 105 at 30 A 120 VAC Res.
Operate Time (max)
30 ms at nominal coil voltage
Release Time (max)
30 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
4000 Vrms coil to contact
(at sea level for 1 min.) 2000 Vrms between open contacts
Insulation
1000 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Dropout
Greater than 5% of nominal coil voltage (DC)
Greater than 15% of nominal coil voltage (AC)
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F) - Class B
Storage
-40°C (-40°F) to 105°C (221°F) - Class F
-40°C (-40°F) to 130°C (266°F) - Class B
-40°C (-40°F) to 155°C (311°F) - Class F
Vibration
0.062" DA at 10–55 Hz
Shock
Operating
10 g, 11 ms, 1/2 sine (no false operation)
Non-Operating 100 g, 11 ms, 1/2 sine (no damage)
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, Quick connect tabs
Note: Allow suitable slack on leads when wiring, and do
not subject the terminals to excessive force.
Weight
120 grams
AZ2701
12/13/04W
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
COIL
Power
At Pickup Voltage
1.08 W (DC)
(typical)
1.2 VA (AC)
Max. Continuous
3.8 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
50°C (90°F) at nominal coil voltage
Temperature
Max. 130°C (266°F) - Class B
Max. 155°C (311°F) - Class F
CONTACTS
Arrangement
SPST (1 Form X)
DPST (2 Form X)
Ratings
Resistive load:
Max. switched power: 840 W or 8310 VA
Max. switched current: 30 A
Max. switched voltage: 150* VDC or 400 VAC
*
Note: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Rated Load
30 A at 277 VAC res. 30k cycles [1]
UL, CUR
1.5 HP at 120 VAC [1]
3 HP at 240 VAC [1]
TV-10 at 120 VAC [1]
30 A at 277 VAC res. 70k cycles [2]
3 HP at 240 VAC 100k cycles [2]
10 A at 120 VAC tungsten load, 10k cycles [2]
TÜV
27 A at 240 VAC, cos phi = .8, 100k cycles [1]
[1] silver cadmium oxide,
[2] silver tin oxide (1 Form X only)
Material
Silver cadmium oxide, silver tin oxide
Resistance
< 100 milliohms initially
(24 V, 1 A voltage drop method)
30 AMP POWER RELAY
FEATURES
• Low cost
• 30 Amp switching
• Class B insulation system standard, Class F available
• Quick connect terminals
• 4 kV dielectric
• Standard (2.4 mm) and wide contact
gap (3.0 mm) available
• UL, CUR file E44211
• TÜV R50031999


Similar Part No. - AZ2701-2A-100D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2700 AZETTLER-AZ2700 Datasheet
103Kb / 2P
   30 AMP POWER RELAY
AZ2700-1A-100D AZETTLER-AZ2700-1A-100D Datasheet
103Kb / 2P
   30 AMP POWER RELAY
AZ2700-1A-110D AZETTLER-AZ2700-1A-110D Datasheet
103Kb / 2P
   30 AMP POWER RELAY
AZ2700-1A-120A AZETTLER-AZ2700-1A-120A Datasheet
103Kb / 2P
   30 AMP POWER RELAY
AZ2700-1A-12A AZETTLER-AZ2700-1A-12A Datasheet
103Kb / 2P
   30 AMP POWER RELAY
More results

Similar Description - AZ2701-2A-100D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ2704 ZETTLER-AZ2704 Datasheet
75Kb / 3P
   30 AMP POWER RELAY
logo
American Zettler, Inc.
AZ2702 AZETTLER-AZ2702 Datasheet
102Kb / 2P
   30 AMP POWER RELAY
AZ2703 AZETTLER-AZ2703 Datasheet
104Kb / 2P
   30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730_16 Datasheet
626Kb / 3P
   30 Amp Power Relay
PC730 PICKER-PC730 Datasheet
207Kb / 3P
   30 Amp Power Relay
logo
American Zettler, Inc.
AZ2704 AZETTLER-AZ2704 Datasheet
103Kb / 2P
   30 AMP POWER RELAY
AZ2705 AZETTLER-AZ2705 Datasheet
108Kb / 2P
   30 AMP POWER RELAY
AZ2700 AZETTLER-AZ2700 Datasheet
103Kb / 2P
   30 AMP POWER RELAY
logo
Picker Components
PC737 PICKER-PC737 Datasheet
189Kb / 2P
   30 Amp Power Relay
logo
List of Unclassifed Man...
AZ2280 ETC-AZ2280 Datasheet
69Kb / 2P
   30 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com