Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75462-0001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 75462-0001
Description  0.80mm (.031?? Pitch SFP Stacked Multi-Port Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

75462-0001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  75462-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 75462-0001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SPECIFICATIONS
0.80mm (.031”) Pitch
SFP Stacked Multi-Port
Connectors
75310, 75786, 75460, 75787,
75462, 75640, 75759, 75714,
75454, 75450, 75733, 75734,
75477, 75451
Molex is rapidly expanding its Small Form-factor
Pluggable (SFP) product offering to meet the demands
of networking and storage industries, which require
denser and faster packaging for high-speed serial
interfaces. The new SFP Stacked Multi-Port Connectors
are the latest additions to Molex’s extensive SFP
product line.
These new connectors offer high port density with
complete integration of stacked 20-circuit SFP
connector ports within a cage. Integrated lightpipes are
available to provide port-status indication to the user.
The product line encompasses connectors offered in
two heights and is available in five port configurations:
2-by-1, 2-by-2, 2-by-4, 2-by-5 and 2-by-6.
Molex’s SFP Stacked Multi-Port Connectors accept SFP
MSA-compliant modules, allowing installers to
configure and upgrade high-speed Ethernet and Fibre
Channel (FC) ports. Tin/Lead press-fit connector tails
are provided as the standard option. Tin-plated tails
will also be available to meet lead-free requirements.
Contact Molex for additional information.
Reference Information
Packaging: Tray
UL File No.: E29179
CSA File No.: LR19980
Mates With: SFP MSA-compliant modules
Designed In: Millimeters
Electrical
Voltage: 120V
Current: 0.5A max.
Dielectric Withstanding Voltage: 300V
Insulation Resistance: 1 Megohm
Mechanical
Insertion Force to PCB: 35.59N (8 lb) per
compliant pin, max.
Mating Force: 40N (8.99 lb) max.
Unmating Force: 11.5N (2.59 lb) max.
Durability: 100 cycles
Physical
Housing: High-temperature plastic, Glass-filled
Contact: Tin/Brass (Sn/CuZn)
Plating:
Contact Area — Gold (Au)
Solder Tail Area — Tin/Lead (Sn/Pb) or Tin (Sn)
Underplating — Nickel (Ni)
PCB Thickness: 2.36mm (0.093”)
Operating Temperature: -40 to +85°C
Features and Benefits
I High-speed contact design meets 4.25Gbps SFP
requirements and is capable of speeds up to 10Gbps
I Connectors are available in multiple port
configurations (2, 4, 8, 10 and 12) providing
greater port density and reduced PCB assembly
labor
I Integrated lightpipe option, for use with mono or bi-
color SMT LED’s provides port status and activity
feedback
I Modules are oriented “belly-to-belly” when inserted
assuring ease of module removal from the port
I Connectors are available in 2 heights: medium
25.50mm (1.000”) and tall 29.30mm (1.150”);
Medium-height connectors meet industry standard
and are consistent with the stacked multi-port
modular jack design; Tall-height connector (2-by-1
only) is designed for 1U applications
Upgrade to high-speed Ethernet and Fibre Channel ports with Molex’s Stacked
Multi-Port SFP Connectors
Multi-port connectors with lightpipes


Similar Part No. - 75462-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75462-5001 MOLEX9-75462-5001 Datasheet
268Kb / 3P
   Small Form-factor Pluggable (SFP) Stacked 2-by-1 Multi-Port Connector with Press-fitPC Tails, 40 Circuits, Lead Free
More results

Similar Description - 75462-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0746511014 MOLEX8-0746511014 Datasheet
423Kb / 4P
   0.80mm (.031
0873813463 MOLEX9-0873813463 Datasheet
327Kb / 6P
   0.80mm (.031
79527-5001 MOLEX-79527-5001 Datasheet
331Kb / 2P
   SFP Cage Assemblies Multi-Port Stacked with SlimStack??Connectors
0714300006 MOLEX8-0714300006 Datasheet
419Kb / 5P
   0.80mm (.031") Pitch Ultra?
0743370052 MOLEX8-0743370052 Datasheet
677Kb / 6P
   0.80mm (.031") Pitch Ultra VHDCI Receptacle, Stacked, Right Angle, Enhanced Shield
0622030155 MOLEX11-0622030155 Datasheet
32Kb / 1P
   2-by-6 SFP Stacked Multi-Port Insertion Tool
0622030150 MOLEX-0622030150 Datasheet
38Kb / 3P
   2-by-4 SFP Stacked Multi-Port Insertion Tool
02/27/2021
0622030155 MOLEX-0622030155 Datasheet
39Kb / 3P
   2-by-6 SFP Stacked Multi-Port Insertion Tool
02/27/2021
0622030150 MOLEX11-0622030150 Datasheet
30Kb / 1P
   2-by-4 SFP Stacked Multi-Port Insertion Tool
0743370063 MOLEX8-0743370063 Datasheet
678Kb / 6P
   0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Stacked, Right Angle, Version 4Footprint, 136 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com