Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44914-2402 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 44914-2402
Description  3.00mm (.118?? Pitch Micro-Fit 3.0, CPI??Micro-Fit 3.0, BMI??CPI Vertical Headers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

44914-2402 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  44914-2402 Datasheet HTML 1Page - Molex Electronics Ltd. 44914-2402 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.00mm (.118”) Pitch
Micro-Fit 3.0, CPI™
Micro-Fit 3.0, BMI™ CPI
Vertical Headers
Applications
Servers
Workstations
Personal Computers
Mainframe Computers
Notebook PCs
Fan Tray Assemblies
Power Supplies
Office Equipment
Vending and Gaming Machines
ORDERING INFORMATION
Header Style
Circuit Size
Contact Plating
5.1µm (200µ") min. Tin
0.38µm (15µ") min. Gold
0.76µm (30µ") min. Gold
Micro-Fit 3.0, CPI
2
44914-0201
44914-0202
44914-0203
4
44914-0401
44914-0402
44914-0403
6
44914-0601
44914-0602
44914-0603
8
44914-0801
44914-0802
44914-0803
10
44914-1001
44914-1002
44914-1003
12
44914-1201
44914-1202
44914-1203
14
44914-1401
44914-1402
44914-1403
16
44914-1601
44914-1602
44914-1603
18
44914-1801
44914-1802
44914-1803
20
44914-2001
44914-2002
44914-2003
22
44914-2201
44914-2202
44914-2203
24
44914-2401
44914-2402
44914-2403
Micro-Fit 3.0, BMI CPI
4
45280-0401
45280-0402
45280-0403
6
45280-0601
45280-0602
45280-0603
8
45280-0801
45280-0802
45280-0803
10
45280-1001
45280-1002
45280-1003
12
45280-1201
45280-1202
45280-1203
14
45280-1401
45280-1402
45280-1403
16
45280-1601
45280-1602
45280-1603
18
45280-1801
45280-1802
45280-1803
20
45280-2001
45280-2002
45280-2003
22
45280-2201
45280-2202
45280-2203
24
45280-2401
45280-2402
45280-2403
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com/product/pcb/microfit/microfit.html
Order No. USA-193
Printed in USA/5K/JI/JI/2006.01
©
2006, Molex


Similar Part No. - 44914-2402

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44914-2402 MOLEX6-44914-2402 Datasheet
182Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 CPI??Header
More results

Similar Description - 44914-2402

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0449142402 MOLEX6-0449142402 Datasheet
182Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 CPI??Header
0449142203 MOLEX6-0449142203 Datasheet
182Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 CPI??Header
0452801401 MOLEX6-0452801401 Datasheet
193Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI??Compliant Pin Header
62200-2700 MOLEX-62200-2700 Datasheet
189Kb / 4P
   Micro-Fit 3.0 BMI / CPI??Insertion Tool
04-04-14
0452800453 MOLEX6-0452800453 Datasheet
149Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface
0452801652 MOLEX6-0452801652 Datasheet
149Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical
0452801802 MOLEX6-0452801802 Datasheet
190Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical
0452800601 MOLEX6-0452800601 Datasheet
193Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical
0452801803 MOLEX6-0452801803 Datasheet
190Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical
0452800652 MOLEX6-0452800652 Datasheet
149Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com