Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSB1003151MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SSB1003151MF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSB1003151MF Datasheet(HTML) 2 Page - Superworld Electronics

  SSB1003151MF Datasheet HTML 1Page - Superworld Electronics SSB1003151MF Datasheet HTML 2Page - Superworld Electronics SSB1003151MF Datasheet HTML 3Page - Superworld Electronics SSB1003151MF Datasheet HTML 4Page - Superworld Electronics SSB1003151MF Datasheet HTML 5Page - Superworld Electronics SSB1003151MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SSB1003 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
18.04.2008
SSB1003220MF
22.0±20%
SSB1003330MF
SSB1003390MF
SSB1003270MF
SSB1003560MF
SSB1003820MF
SSB1003680MF
SSB1003470MF
47.0±20%
82.0±20%
68.0±20%
56.0±20%
33.0±20%
39.0±20%
27.0±20%
SSB10033R3MF
SSB10036R8MF
SSB1003100MF
SSB10034R7MF
SSB1003150MF
SSB1003180MF
SSB1003120MF
10.0±20%
15.0±20%
18.0±20%
12.0±20%
6.8±20%
3.3±20%
4.7±20%
SSB10031R5MF
SSB10032R2MF
Inductance
Part No.
1.5±20%
2.2±20%
( µH )
1.45
180
1V / 100K
0.85
300
1V / 100K
1V / 100K
1V / 100K
1V / 100K
490
440
0.65
0.75
400
0.80
1V / 100K
1V / 100K
1V / 100K
1.10
210
270
1.00
200
1.30
2.00
70
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1.70
120
130
1.55
95
1.90
1V / 100K
1V / 100K
1V / 100K
60
2.20
40
45
3.00
2.50
Max.
IDC
RDC
1V / 100K
1V / 100K
22
25
4.00
3.50
( m )
Max.
( A )
0.28
3500
1V / 100K
SSB1003-471MF
470.0±20%
680.0±20%
820.0±20%
1000.0±20%
560.0±20%
SSB1003-102MF
SSB1003-561MF
SSB1003-821MF
SSB1003-681MF
5100
1V / 100K
1V / 100K
1V / 100K
1V / 100K
4100
4550
3900
0.18
0.22
0.20
0.25
740
1V / 100K
SSB1003121MF
120.0±20%
180.0±20%
270.0±20%
220.0±20%
150.0±20%
390.0±20%
330.0±20%
SSB1003271MF
SSB1003-391MF
SSB1003-331MF
SSB1003151MF
SSB1003181MF
SSB1003221MF
1V / 100K
1V / 100K
1V / 100K
2000
2100
1800
1V / 100K
1V / 100K
1V / 100K
1200
1350
790
100.0±20%
SSB1003101MF
1V / 100K
670
0.55
0.32
0.30
0.38
0.45
0.40
0.50
0.60
( Hz )
Frequency
Test


Similar Part No. - SSB1003151MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSB1004 SUPERWORLD-SSB1004 Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB1004100MZF SUPERWORLD-SSB1004100MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB1004101MZF SUPERWORLD-SSB1004101MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB1004102MZF SUPERWORLD-SSB1004102MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB1004120MZF SUPERWORLD-SSB1004120MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - SSB1003151MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com