Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75003-0005 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 75003-0005
Description  High Speed Mezzanine for 10.0 Gbps Bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

75003-0005 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  75003-0005 Datasheet HTML 1Page - Molex Electronics Ltd. 75003-0005 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Plateau HS Mezz™
High Speed Mezzanine for
10.0 Gbps Bandwidth
75003, 75005
SPECIFICATIONS
Advanced gold-plated plastic housings with
integrated shielding system support high-speed
differential signaling in excess of 10.0 Gbps
Impedance of 100 ± 10 ohms at 50 psec risetime
(10/90%) maintained for all stack heights to
ensure very low crosstalk between signals
Contacts on 1.20mm (.047”) pitch arranged in
isolated differential pairs on 3.50mm (.138”) pitch
for controlled impedance
Two points of contact on each signal ensure high
reliability
Multiple stack heights from 9.00 to 23.00mm
(.354 to .906”) to meet nearly every parallel
board requirement, with capability up to 25.00mm
(.984”)
Available in 6, 12, 24 and 36 differential pair sizes
(12, 24, 48 and 72 total contacts) to accommodate
a range of applications
Molded and plated housing pegs facilitate
attachment to PCB ground plane
Features and Benefits
High Speed Mezzanine Connectors Feature
Innovative Plated Plastic Housing for
Outstanding Performance
Molex utilizes its proprietary Plateau Technology™ to
create a high-speed, superior performance surface-
mounted mezzanine connector system. This technology
permits the customer to use a smaller footprint
connector than other typical designs, translating into
savings on circuit count and board space.
The shielding properties of the plated housing
effectively isolate each differential pair, eliminating the
need to use signal pins for ground.
These mezzanine connectors are ideal for servers,
mainframe computers, workstations, test equipment
and telecommunications equipment such as switches
and routers.
Reference Information
Packaging: Tape and Reel or Tube
Designed In: Millimeters
UL File No.: E29179
CSA File No.: LR19980
Electrical
Voltage: 30V DC
Current: 1.5A max.
Contact Resistance: 25 milliohms
Dielectric Withstanding Voltage: 500V
Insulation Resistance: 1,000 Megohms
Impedance: 100 +/- 10 Ohms @ 50psec risetime
Mechanical
Mating Force: 2.0N (.45lb) max. per circuit
Unmating Force: 0.9N (.20lb) min. per circuit
Durability: 25 cycles
Physical
Housing: LCP
Contact: Copper Alloy
Plating: Contact Area – 0.76µm (30µ”) min. select
Gold and 3.81µm (150µ”) min. select Tin/Lead
over 1.27µm (50µ”) min. Nickel overall
Housing – 0.10µm (4µ”) max. Gold over 3.81µm
(150µ”) min. Nickel over 3.81µm (150µ”) min.
Copper
Operating Temperature: -20 to +85°C
SMT Lead Coplanarity: 0.102mm (.004”)


Similar Part No. - 75003-0005

ManufacturerPart #DatasheetDescription
logo
MolexKits
75003-0010 MOLEXKITS-75003-0010 Datasheet
42Kb / 2P
   High Speed Mezzanine Gold Plug and Receptacle
More results

Similar Description - 75003-0005

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT3D-100S-BGA37 HIROSE-IT3D-100S-BGA37 Datasheet
1Mb / 20P
   High-Speed(10Gbps) BGA Mezzanine Connectors
logo
Molex Electronics Ltd.
75003-0X05 MOLEX-75003-0X05 Datasheet
608Kb / 2P
   Combination High Speed Mezzanine
SD-75005-001 MOLEX11-SD-75005-001 Datasheet
222Kb / 3P
   SALES DRAWING FOR HIGH SPEED MEZZANINE RECEPTACLE
logo
MolexKits
76650-0130 MOLEXKITS-76650-0130 Datasheet
42Kb / 2P
   High Speed Mezzanine Gold Plug and Receptacle
logo
List of Unclassifed Man...
QL82SD ETC1-QL82SD Datasheet
3Mb / 60P
   10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
logo
Integrated Technology F...
251013B ITF-251013B Datasheet
153Kb / 2P
   Typical 1dB bandwidth of 10.0 MHz
251008B ITF-251008B Datasheet
179Kb / 2P
   Typical 1dB bandwidth of 10.0 MHz
251017B ITF-251017B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 10.0 MHz
231003B ITF-231003B Datasheet
183Kb / 2P
   Typical 1dB bandwidth of 10.0 MHz
logo
Teledyne Technologies I...
DAS10241 TELEDYNE-DAS10241 Datasheet
500Kb / 2P
   1.0 TO 10.0 GHz HIGH-SPEED ANALOG DETECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com