Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSB06043R3MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SSB06043R3MZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSB06043R3MZF Datasheet(HTML) 2 Page - Superworld Electronics

  SSB06043R3MZF Datasheet HTML 1Page - Superworld Electronics SSB06043R3MZF Datasheet HTML 2Page - Superworld Electronics SSB06043R3MZF Datasheet HTML 3Page - Superworld Electronics SSB06043R3MZF Datasheet HTML 4Page - Superworld Electronics SSB06043R3MZF Datasheet HTML 5Page - Superworld Electronics SSB06043R3MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SSB0604 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
18.04.2008
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
47.0±20%
SSB0604470MZF
SSB0604680MZF
SSB0604560MZF
SSB0604820MZF
68.0±20%
56.0±20%
82.0±20%
1.5±20%
SSB06041R5MZF
SSB06042R2MZF
SSB06044R7MZF
SSB06046R8MZF
SSB06043R3MZF
SSB0604120MZF
SSB0604180MZF
SSB0604150MZF
SSB0604270MZF
SSB0604330MZF
SSB0604220MZF
SSB0604100MZF
SSB0604390MZF
18.0±20%
15.0±20%
27.0±20%
33.0±20%
22.0±20%
39.0±20%
2.2±20%
4.7±20%
6.8±20%
3.3±20%
12.0±20%
10.0±20%
Part No.
SSB06041R0MZF
Inductance
1.0±20%
( µH )
300
0.47
500
390
340
0.35
0.42
0.40
25
2.20
170
220
240
110
100
150
0.55
0.60
0.50
0.80
0.70
0.65
55
90
65
30
50
35
1.10
0.90
1.00
1.90
1.30
1.70
( m )
RDC
22
Max.
IDC
( A )
Max.
2.50
0.32
0.30
0.22
0.25
0.18
0.17
0.20
0.15
0.12
0.13
0.11
0.16
0.27
SSB0604821MZF
SSB0604102MZF
SSB0604561MZF
SSB0604681MZF
SSB0604471MZF
820.0±20%
1000.0±20%
560.0±20%
680.0±20%
470.0±20%
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
4900
5700
3300
3700
3000
SSB0604331MZF
SSB0604391MZF
SSB0604271MZF
SSB0604221MZF
SSB0604181MZF
SSB0604151MZF
330.0±20%
390.0±20%
270.0±20%
220.0±20%
180.0±20%
150.0±20%
SSB0604121MZF
SSB0604101MZF
120.0±20%
100.0±20%
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1760
2600
1550
990
1150
900
1V / 100K
1V / 100K
630
570
Test
( Hz )
Frequency


Similar Part No. - SSB06043R3MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSB0602 SUPERWORLD-SSB0602 Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0602100MZF SUPERWORLD-SSB0602100MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0602101MZF SUPERWORLD-SSB0602101MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0602102MZF SUPERWORLD-SSB0602102MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
SSB0602150MZF SUPERWORLD-SSB0602150MZF Datasheet
484Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - SSB06043R3MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com