Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ2151-1A-24D Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ2151-1A-24D
Description  40A MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ2151-1A-24D Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ2151-1A-24D Datasheet HTML 1Page - American Zettler, Inc. AZ2151-1A-24D Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACTS
Arrangement
SPDT (1 Form C)
SPST (1 Form A and 1 Form B)
Ratings
Resistive load:
Max. switched power: 900 W or 10000 VA
Max. switched current: 40 A (Form A) 30 A (Form B)
Max. switched voltage: 30 VDC or 300 VAC
UL Rating: See chart for UL contact ratings. AZ2150
Series meets UL 508 Group A spacing and UL 873
refrigeration and safety control requirements. AZ2151
Series meets UL 508 Group B spacing requirements.
VDE Rating:
AZ2150-1A - 25 A at 250 VAC, 10k cycles, resistive
AZ2150-1C - 20 A at 250 VAC, 10k cycles, resistive
Material
Silver cadmium oxide
Resistance
< 20 milliohms initially
(at rated current, voltage drop method)
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 30 A 120 VAC Res. (N.O.)
Operate Time (max.)
Max. 12 ms
Typical: 8 ms
Release Time (max.)
Max. 5 ms
Typical: 3.5 ms
Dielectric Strength
2500 Vrms contact to coil
(at sea level for 1min)
1500 Vrms between open contacts
Insulation Resistance
1000 megohms min. at 500 VDC, 20°C
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-55°C (-67°F) to 100°C (212°F) Class B
-55°C (-67°F) to 125°C (257°F) Class F
Storage
-55°C (-67°F) to 130°C (266°F) Class B
-55°C (-67°F) to 155°C (311°F) Class F
Vibration
0.062" DA at 10–55 Hz
Shock
20 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
25 grams
AZ2150
11/30/05W
40A MINIATURE
POWER RELAY
FEATURES
• 40 Amp switching capability
• 1 Form A, B and C contacts available
• DC coils to 120 VDC
• Life expectancy to 10 million operations
• Class B insulation standard
• Class F (155°C) version available
• Available with an epoxy seal for automatic wave
soldering and immersion cleaning
• Proof Tracking Index (PTI/CTI) 175
• UL, CUR file E44211 including versions meeting UL 508
and UL 873 spacing and contact rating requirements;
VDE 132710 ÜG (some models)
COIL
Power
At Pickup Voltage
500 mW
(typical)
Max. Continuous
2.2 W at 20°C (68°F) ambient
Dissipation
1.8 W at 40°C (104°F) ambient
Temperature Rise
43°C (77°F) at nominal coil voltage
Temperature
Max. 130°C (266°F) Class B
Max. 155°C (311°F) Class F
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Unsealed relays should not be dip cleaned.
4. Other coil resistances and sensitivities available upon request.
Please call the factory.
5. Specifications subject to change without notice.


Similar Part No. - AZ2151-1A-24D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ2151-1A-24D ZETTLER-AZ2151-1A-24D Datasheet
70Kb / 2P
   MINIATURE POWER RELAY
AZ2151-1A-24D ZETTLER-AZ2151-1A-24D Datasheet
59Kb / 2P
   MINIATURE POWER RELAY
AZ2151-1A-24DE ZETTLER-AZ2151-1A-24DE Datasheet
70Kb / 2P
   MINIATURE POWER RELAY
AZ2151-1A-24DE ZETTLER-AZ2151-1A-24DE Datasheet
59Kb / 2P
   MINIATURE POWER RELAY
More results

Similar Description - AZ2151-1A-24D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2100 AZETTLER-AZ2100 Datasheet
145Kb / 4P
   40A MINIATURE POWER RELAY
AZ2110 AZETTLER-AZ2110 Datasheet
127Kb / 3P
   40A MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com