Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-48A Datasheet(PDF) 1 Page - Superworld Electronics

Part # SP-48A
Description  Power Transformers - Bracket UL Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SP-48A Datasheet(HTML) 1 Page - Superworld Electronics

  SP-48A Datasheet HTML 1Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION FOR APPROVAL
Product Name
Power Transformers - Bracket UL Type (Lead Free)
Page
1
Superworld Part No:
SP-XXA (F) Series
Rev No
0
Features
1. Core sizes from EI-35 to 66
2. Hi-pot 1.5KV, 2.5KV
3. Only raw materials that are listed by UL, CSA standards are used.
4. Impregnated / Varnished
5. Single or dual primaries designed.
6. All types of bobbins are available.
7. Customer variations and specifications are welcome.
Mechanical Drawing
SUPERWORLD ELECTRONICS (S) PTE LTD
Model
Output
Rating
Appearance Dimensions ( Unit : mm )
AB
C
D
2VA
5.5VA
8.5VA
13VA
25VA
16.5
23.0
23.0
28.0
28.0
71.5
80.0
61.0
51.0
44.5
51.0
58.0
44.0
37.0
33.0
80.0
90.0
67.0
61.0
53.0
SP-35A
SP-41A
SP-48A
SP-57A
SP-66A


Similar Part No. - SP-48A

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
SP-48 TRIAD-SP-48 Datasheet
45Kb / 1P
   SP-48
logo
List of Unclassifed Man...
SP-48 ETC2-SP-48 Datasheet
112Kb / 1P
   AUDIO TRANDFORMERS
logo
Source Photonics, Inc.
SP-48-IR1-CDA SOURCE-SP-48-IR1-CDA Datasheet
546Kb / 6P
   OC-48 IR1/STM-16 S-16.1 SFP Transceiver
SP-48-IR1-CNA SOURCE-SP-48-IR1-CNA Datasheet
546Kb / 6P
   OC-48 IR1/STM-16 S-16.1 SFP Transceiver
SP-48-IR1-RDA SOURCE-SP-48-IR1-RDA Datasheet
546Kb / 6P
   OC-48 IR1/STM-16 S-16.1 SFP Transceiver
More results

Similar Description - SP-48A

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SP-35E SUPERWORLD-SP-35E Datasheet
125Kb / 1P
   Power Transformers - Bracket TUV Type
logo
Filtran LTD
4731 FILTRAN-4731 Datasheet
82Kb / 1P
   Power Transformers PCB Type
logo
Total Power Internation...
TPSUU-80 TOTAL-POWER-TPSUU-80 Datasheet
258Kb / 2P
   80W U Bracket Type 80W U Bracket Type
TPSUU-81 TOTAL-POWER-TPSUU-81 Datasheet
261Kb / 2P
   80W U Bracket Type 80W U Bracket Type
logo
Sumida Corporation
CMD4D06 SUMIDA-CMD4D06_1 Datasheet
130Kb / 2P
   Power Transformers
CMD5D11 SUMIDA-CMD5D11_1 Datasheet
131Kb / 2P
   Power Transformers
logo
Total Power Internation...
TPSUU-120 TOTAL-POWER-TPSUU-120 Datasheet
203Kb / 2P
   120W U Bracket Type I.T.E. Power Supplies
TPSUU-151 TOTAL-POWER-TPSUU-151 Datasheet
271Kb / 2P
   150W U Bracket Type I.T.E. Power Supplies
TPSUU-300 TOTAL-POWER-TPSUU-300 Datasheet
331Kb / 2P
   300W U Bracket Type I.T.E. Power Supplies
TPSUU-100 TOTAL-POWER-TPSUU-100 Datasheet
257Kb / 2P
   100W U Bracket Type I.T.E. Power Supplies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com