Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ2100-1A-6DE Datasheet(PDF) 4 Page - American Zettler, Inc.

Part # AZ2100-1A-6DE
Description  40A MINIATURE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ2100-1A-6DE Datasheet(HTML) 4 Page - American Zettler, Inc.

  AZ2100-1A-6DE Datasheet HTML 1Page - American Zettler, Inc. AZ2100-1A-6DE Datasheet HTML 2Page - American Zettler, Inc. AZ2100-1A-6DE Datasheet HTML 3Page - American Zettler, Inc. AZ2100-1A-6DE Datasheet HTML 4Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UL/CUR File E44211 Approved Contact Ratings
Form A
Form B
Form C
Load Type
Cycles
Volts
(NO)
(NC)
NO
NC
General Purpose
100,000
125 or 240 VAC
30 A
15 A
30 A
15 A
(Inductive)
30,000
277 VAC
30 A
30 A
30 A
30 A
Resistive
100,000
125 or 240 VAC
30 A
15 A
30 A
15 A
100,000
30 VDC
20 A
10 A
20 A
10 A
100,000
277 VAC
20 A
100,000 *
240 VAC
15 A
6,000
250 VAC
40 A
40 A
Ballast
6,000
125, 240 or
6 A
3 A
6 A
3 A
277 VAC
Pilot Duty
6,000
125 VAC
800 VA
290 VA
800 VA
290 VA
30,000
125 VAC
800 VA
690 VA
100,000
125 VAC
690 VA
470 VA
275 VA
6,000
240 VAC
1152 VA
768 VA
1152 VA
768 VA
100,000
277 VAC
764 VA
764 VA
Motor Load
6,000
125 VAC
1 HP
1
/4 HP
1 HP
1
/4 HP
6,000***
240 VAC
3 HP
1 HP
2 HP
1 HP
30,000
125 VAC
1 HP
1 HP
100,000
125 or 277 VAC
3
/4 HP
3
/4 HP
Definite Purpose
30,000 **
120 VAC
82.8 LRA
82.8 LRA
13.8 FLA
13.8 FLA
30,000
125 VAC
96 LRA
33 LRA
60 LRA
33 LRA
30 FLA
10 FLA
20 FLA
10 FLA
30,000 **
125 VAC
60 LRA
30 LRA
60 LRA
30 LRA
20 FLA
12 FLA
20 FLA
12 FLA
(LRA-Locked Rotor)
100,000
125 VAC
82.8 LRA
82.8 LRA
27 FLA
27 FLA
(FLA-Full Load)
30,000
240 VAC
80 LRA
33 LRA
60 LRA
33 LRA
30 FLA
10 FLA
20 FLA
10 FLA
30,000 **
240 VAC
41.4 LRA
41.4 LRA
6.9 FLA
6.9 FLA
100,000
277 VAC
60 LRA
60 LRA
20 FLA
20 FLA
Tungsten
6,000
125 VAC
15A
15A
3A
6,000
240 VAC
5A
5A
3A
6,000
120 VAC
3A
6,000
240 VAC
3A
TV–5
25,000
120 VAC
TV–5
TV–5
TV–3
TV–3
25,000
120 VAC
TV–3
TV–3
* Ambient temperature 96°C (208°F) max. sealed and 105°C (221°F) unsealed.
** Ambient temperature 85°C (185°F) max. sealed and unsealed.
*** Ambient temperature 65°C (149°F) max. sealed and unsealed.
AZ2100
1/24/06W
Coil Temperature Rise
Percent of Nominal Coil Voltage (at 20˚C)
40%
60%
80%
100%
120%
140%
160%
180%
200%
180
160
140
120
100
80
60
40
20
0
0A
15A
20A
30A
25A
Maximum Switching Capacity
10
20
30
40
60
80
100
200
300
30
20
10
8
6
5
4
3
2
1
VOLTAGE
DC RESISTIVE
LOAD
AC RESISTIVE
LOAD
40
NO
NC


Similar Part No. - AZ2100-1A-6DE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ2100-1A-6DE ETC-AZ2100-1A-6DE Datasheet
133Kb / 4P
   MINIATURE POWER RELAY
More results

Similar Description - AZ2100-1A-6DE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2150 AZETTLER-AZ2150 Datasheet
94Kb / 2P
   40A MINIATURE POWER RELAY
AZ2110 AZETTLER-AZ2110 Datasheet
127Kb / 3P
   40A MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com