Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAM-50X1S-T40 Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part # FAM-50X1S-T40
Description  OC-192/STM-64 SFF Transponder
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FAM-50X1S-T40 Datasheet(HTML) 8 Page - Source Photonics, Inc.

Back Button FAM-50X1S-T40 Datasheet HTML 4Page - Source Photonics, Inc. FAM-50X1S-T40 Datasheet HTML 5Page - Source Photonics, Inc. FAM-50X1S-T40 Datasheet HTML 6Page - Source Photonics, Inc. FAM-50X1S-T40 Datasheet HTML 7Page - Source Photonics, Inc. FAM-50X1S-T40 Datasheet HTML 8Page - Source Photonics, Inc. FAM-50X1S-T40 Datasheet HTML 9Page - Source Photonics, Inc. FAM-50X1S-T40 Datasheet HTML 10Page - Source Photonics, Inc. FAM-50X1S-T40 Datasheet HTML 11Page - Source Photonics, Inc. FAM-50X1S-T40 Datasheet HTML 12Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
OC-192/STM-64 1550nm Transponder
40km, 65km and 80km transmission
Preliminary Data Sheet
July 10, 2005
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 8 of 14
Digital Control Signal
Table 12 - Input Digital signals
Function
Symbol
Level
Description
Note
L
Module reset
Module
RESET
MOD_RESET
LVTTL
H
Normal operation
Reset both Tx and Rx section
(LVTTL with pull-up resistor)
L
Enable
Diagnostic
Loop-back
DLOOPENB
LVTTL
H
Normal operation
(LVTTL with pull-up resistor)
L
Enable
Line
Loop-back
LLOOPENB
LVTTL
H
Normal operation
(LVTTL with pull-up resistor)
Transmitter
0,0
10.3125Gbps
0,1
11.049/11.095/
11.318Gbps
1,0
10.519/10.664/
10.709Gbps
Select
serial
data rate
TxRATESEL1, 0
LVTTL
1,1
9.95328Gbps
(LVTTL with pull-up resistor)
L
1/64 data-rate
Select
the
frequency
of
TxREFCLK
TxREFSEL
LVTTL
H
1/16 data-rate
(LVTTL with pull-up resistor)
L
1/16 data-rate
Select
the
frequency
of
TxPICLK
TxPICLKSEL
LVTTL
H
1/32 data-rate
(LVTTL with pull-down resistor)
L
Enable
Enable internal
Line Timing
TxLINETIMSEL
LVTTL
H
Normal operation
On multi-rate units without jitter
clean up, this pin is ignored.
(LVTTL with pull-up resistor)
0,0
Delays 915ps
0,1
Delays 1015ps
1,0
Delays 715ps
Select delay of
TxPICLK
TxSKEWSEL0,1
LVTTL
1,1
Delays 815ps
(LVTTL with pull-up resistor)
L
Normal operation
Enable/Disable
Laser
LsENABLE
LVTTL
H
Laser disabled
(LVTTL with pull-down resistor)
L
MUX reset
Asynchronous
system reset
TxRESET
LVTTL
H
Normal operation
(LVTTL with pull-up resistor)
L
MUX FIFO reset
MUX
FIFO
reset
TxFIFORES
LVTTL
H
Normal operation
Internally the FIFO reset is
connected to TxRESET and
TxFIFOERR. TxFIFOERR will
initiate a FIFO reset
(LVTTL with pull-up resistor)


Similar Part No. - FAM-50X1S-T40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FAM-15ASR ETC-FAM-15ASR Datasheet
390Kb / 4P
   Sensing element / Absolute
logo
Fujikura Ltd.
FAM-15PASR FUJIKURA-FAM-15PASR Datasheet
392Kb / 4P
   Sensing element/Absolute
FAM-15PASR FUJIKURA-FAM-15PASR Datasheet
209Kb / 5P
   Barometric pressure measurable Surface mount package
FAM-15PASR FUJIKURA-FAM-15PASR_11 Datasheet
209Kb / 5P
   Barometric pressure measurable Surface mount package
logo
Source Photonics, Inc.
FAM-30X1S-T20 SOURCE-FAM-30X1S-T20 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
More results

Similar Description - FAM-50X1S-T40

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-70X1S-T40 SOURCE-FAM-70X1S-T40 Datasheet
254Kb / 14P
   OC-192/STM-64 SFF Transponder
logo
Silicon Laboratories
SI5540 SILABS-SI5540 Datasheet
308Kb / 20P
   SiPHY OC-192/STM-64 TRANSMITTER
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
   1319T OC-192/STM-64 Lighwave Receiver
logo
Agere Systems
R2860E AGERE-R2860E Datasheet
84Kb / 6P
   R2860E Digital Receiver OC-192/STM-64
R2860G AGERE-R2860G Datasheet
129Kb / 6P
   R2860G Digital Receiver OC-192/STM-64
R2860D AGERE-R2860D Datasheet
107Kb / 6P
   R2860D Digital Receiver OC-192/STM-64
R2860F AGERE-R2860F Datasheet
84Kb / 6P
   R2860F Digital Receiver OC-192/STM-64
R2862A AGERE-R2862A Datasheet
97Kb / 6P
   R2862A Digital 2R Receiver OC-192/STM-64
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com