Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-13-1315T-08 Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # C-13-1315T-08
Description  1310nm Laser Diode Transmitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-1315T-08 Datasheet(HTML) 2 Page - Source Photonics, Inc.

  C-13-1315T-08 Datasheet HTML 1Page - Source Photonics, Inc. C-13-1315T-08 Datasheet HTML 2Page - Source Photonics, Inc. C-13-1315T-08 Datasheet HTML 3Page - Source Photonics, Inc. C-13-1315T-08 Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
P/N: C-13-1315T- 08-XX
1310nm Laser Diode Transmitter
DS-5245
Rev 0.0
2009-01-19
Pinout Assignment
Mechanic Dimension (Units in mm)


Similar Part No. - C-13-1315T-08

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-1315T-01 SOURCE-C-13-1315T-01 Datasheet
488Kb / 3P
   1310nm Laser Diode Transmitter
C-13-1315T-01-G5 SOURCE-C-13-1315T-01-G5 Datasheet
488Kb / 3P
   1310nm Laser Diode Transmitter
C-13-1315T-01-GR SOURCE-C-13-1315T-01-GR Datasheet
488Kb / 3P
   1310nm Laser Diode Transmitter
More results

Similar Description - C-13-1315T-08

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-1315T-01 SOURCE-C-13-1315T-01 Datasheet
488Kb / 3P
   1310nm Laser Diode Transmitter
logo
List of Unclassifed Man...
LD131T10 ETC-LD131T10 Datasheet
251Kb / 4P
   1310nm Laser Diode
logo
Source Photonics, Inc.
LDR-FC-31Z-L-T-ASFCNE SOURCE-LDR-FC-31Z-L-T-ASFCNE Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-F3-31Z-L-T-AS SOURCE-LDR-F3-31Z-L-T-AS Datasheet
517Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-L-T-ASSTNB SOURCE-LDR-FC-31Z-L-T-ASSTNB Datasheet
430Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDP-FC-31Z-L-T-ASNCN SOURCE-LDP-FC-31Z-L-T-ASNCN Datasheet
518Kb / 4P
   1310nm & 1550nm Laser Diode Module
logo
Finisar Corporation.
DFB-1310-10LR-LCA FINISAR-DFB-1310-10LR-LCA Datasheet
249Kb / 5P
   1310nm DFB Laser Diode LC TOSA
logo
Source Photonics, Inc.
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
   1310nm 2.5G MQW-DFB Laser Diode Module
logo
Finisar Corporation.
FP-1310-4I-LCB FINISAR-FP-1310-4I-LCB Datasheet
557Kb / 7P
   1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
logo
OPLINK Communications I...
S0241-TRPV3GET2C000E2G OPLINK-S0241-TRPV3GET2C000E2G Datasheet
296Kb / 5P
   1310nm Dual Channel Optical Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com