Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI0402S-3N3KF Datasheet(PDF) 3 Page - Superworld Electronics

Part # SCI0402S-3N3KF
Description  WIREWOUND CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0402S-3N3KF Datasheet(HTML) 3 Page - Superworld Electronics

  SCI0402S-3N3KF Datasheet HTML 1Page - Superworld Electronics SCI0402S-3N3KF Datasheet HTML 2Page - Superworld Electronics SCI0402S-3N3KF Datasheet HTML 3Page - Superworld Electronics SCI0402S-3N3KF Datasheet HTML 4Page - Superworld Electronics SCI0402S-3N3KF Datasheet HTML 5Page - Superworld Electronics SCI0402S-3N3KF Datasheet HTML 6Page - Superworld Electronics SCI0402S-3N3KF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
15.01.2008
WIREWOUND CHIP INDUCTORS
6. ELECTRICAL CHARACTERISTICS :
SCI0402S SERIES
K, J, G
SCI0402S-12N F
SCI0402S-27N F
SCI0402S-23N F
SCI0402S-19N F
SCI0402S-15N F
K, J, G
K, J, G
K, J, G
K, J, G
71
12.70
53
11.90
640
0.120
3450
24
250
12
3100
2700
3000
250
250
250
250
15
27
23
19
24
24
22
24
560
400
400
480
0.172
0.300
0.300
0.202
14.60
28.70
23.80
19.10
15.50
26.90
33.50
21.10
55
49
49
50
77
64
63
67
3600
K, J, G
SCI0402S-13N F
57
14.60
51
13.40
440
0.210
3280
24
250
13
SCI0402S-16N F
K, J, G
3100
250
16
24
560
0.220
16.60
18.80
46
47
SCI0402S-18N F
K, J, G
3040
250
18
24
420
0.230
18.30
20.28
57
62
SCI0402S-20N F
K, J, G
2800
250
20
25
420
0.250
20.70
23.66
52
53
SCI0402S-30N F
SCI0402S-56N F
SCI0402S-47N F
SCI0402S-40N F
SCI0402S-36N F
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
2320
2350
2100
1760
2240
250
250
250
250
36
40
47
56
24
20
22
24
250
30
25
320
150
100
320
0.440
0.830
0.970
0.440
39.50
50.00
-
39.00
400
0.350
31.10
48.40
47.40
-
-
44
-
38
44
53
-
-
33
38.50
46
39
SCI0402S-22N F
K, J, G
2720
250
22
25
400
0.300
23.20
26.75
53
53
SCI0402S-24N F
K, J, G
2480
250
24
25
400
0.300
25.10
29.50
51
50
SCI0402S-33N F
K, J, G
2350
250
33
24
400
0.350
34.90
41.74
31
32
SCI0402S-39N F
K, J, G
2100
250
39
25
200
0.550
41.70
50.23
47
45
SCI0402S-43N F
K, J, G
2030
250
43
25
100
0.810
45.80
61.55
46
34
SCI0402S-51N F
K, J, G
1750
250
51
25
100
0.820
-
-
--
SCI0402S-68N F
K, J, G
1620
250
68
22
100
1.120
-
-
--
Inductance tolerance :
: G : ±2%
K : ±10%
J : ±5%
Part No.
( nH )
Available
( MHz )
Tolerance
L
Freq
Test
900MHz
Typ.
Min.
Max.
Min.
Max.
(
)
DCR
( MHz )
SRF
Q
( mA )
IDC
L
Typ.
Typ.
Typ.
L
1.7GHz
Q
900MHz
Q
1.7GHz


Similar Part No. - SCI0402S-3N3KF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI0402S-3N3 SUPERWORLD-SCI0402S-3N3 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0402S-3N3F SUPERWORLD-SCI0402S-3N3F Datasheet
226Kb / 5P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SCI0402S-3N3KF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com