Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ986-1A-6DC2D4 Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ986-1A-6DC2D4
Description  40 AMP 280-ISO AUTOMOTIVE RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ986-1A-6DC2D4 Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ986-1A-6DC2D4 Datasheet HTML 1Page - American Zettler, Inc. AZ986-1A-6DC2D4 Datasheet HTML 2Page - American Zettler, Inc. AZ986-1A-6DC2D4 Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COIL
Power
At Pickup Voltage
0.58 W
(typical)
Max. Continuous
3.7 W at 20°C (68°F)
Dissipation
Temperature Rise
52°C (94°F) at nominal coil voltage
Temperature
Max. 180°C (356°F)
CONTACTS
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
Ratings
Resistive load:
Max. switched power: 560 W (SPST)
560 W (N.O.)
420 W (N.C.)
Max. switched current: 40 A (SPST)
40 A (N.O.)
30 A (N.C.)
Max. switched voltage: 100 VDC
*
Note: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Material
Silver tin oxide
Resistance
< 100 milliohms initially
(6 V, 1 A voltage drop method)
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 40 A 14 VDC Res.
Operate Time (max.)
7 ms at nominal coil voltage
Release Time (max.)
4 ms at nominal coil voltage
Dielectric Strength
500 Vrms coil to contact
(at sea level for 1 min.) 500 Vrms contact to contact
Insulation Resistance
600 megohms min. at 500 VDC, 20°C
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
Operating
-55°C (-67°F) to 125°C (257°F)
Storage
-55°C (-67°F) to 155°C (311°F)
Vibration
1.27mm DA 10-40 Hz
5 g 40-70 Hz
0.5mm DA 70-100 Hz
10 g 100-500 Hz
Shock
200 m/s2
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy
0.110 Quick Connect
Note: Allow suitable slack on leads when wiring, and do
not subject the terminals to excessive force.
Weight
22 grams (37 grams shrouded version)
AZ986
1/17/07W
40 AMP 280-ISO
AUTOMOTIVE
RELAY
FEATURES
• 40 Amp contact rating
• Coils to 24VDC
• High operating temperature (125°C)
• SPST (1 Form A), SPDT (1 Form C)
• Available with shrouded weatherproof cover
• Coil suppression available
• ISO/TS 16949, ISO9001, ISO 14000
• Tested in accordance with SAE J2544
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ986-1A-6DC2D4

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ980 ZETTLER-AZ980 Datasheet
61Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
American Zettler, Inc.
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
logo
ZETTLER Electronics
AZ980 ZETTLER-AZ980 Datasheet
56Kb / 2P
   80 AMP AUTOMOTIVE RELAY
AZ980-1A-12D ZETTLER-AZ980-1A-12D Datasheet
61Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
American Zettler, Inc.
AZ980-1A-12D AZETTLER-AZ980-1A-12D Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
More results

Similar Description - AZ986-1A-6DC2D4

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ984 AZETTLER-AZ984 Datasheet
90Kb / 2P
   20 AMP 280-ISO AUTOMOTIVE RELAY
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
PC781 PICKER-PC781 Datasheet
444Kb / 2P
   15 Amp Micro ISO 280 Automotive Plug-In Relay
PC792B PICKER-PC792B Datasheet
679Kb / 2P
   40/40 Amp Automotive Plug-In / PCB Mini ISO Relay
logo
Nais(Matsushita Electri...
ACV11012 NAIS-ACV11012 Datasheet
134Kb / 4P
   AUTOMOTIVE LOW PROFILE MICRO-ISO/MICRO-280 RELAY
logo
ZETTLER Electronics
AZ973 ZETTLER-AZ973 Datasheet
88Kb / 4P
   40 AMP AUTOMOTIVE RELAY
logo
American Zettler, Inc.
AZ9721 AZETTLER-AZ9721 Datasheet
139Kb / 4P
   40 AMP AUTOMOTIVE RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com