Electronic Components Datasheet Search |
|
AZ988-1AT-12DSC1R Datasheet(PDF) 1 Page - American Zettler, Inc. |
|
AZ988-1AT-12DSC1R Datasheet(HTML) 1 Page - American Zettler, Inc. |
1 / 3 page CONTACTS Arrangement SPST (1 Form A) SPDT (1 Form C) Ratings Resistive load: Max. switched power: 540 W Max. switched current: 30 A Max. switched voltage: 27 VDC 1 Form A (N.O.) 30 A / 30 A (make/break) at 12 VDC resistive 40 A / 20 A (make/break) at 12 VDC motor 120 A / 20 A (make/break) at 12 VDC lamp 1 Form C (N.O.) 20 A / 20 A (make/break) at 12 VDC resistive 40 A / 20 A (make/break) at 12 VDC motor 120 A / 20 A (make/break) at 12 VDC lamp 1 Form C (N.C.) 10 A / 10 A (make/break) at 12 VDC resistive 20 A / 10 A (make/break) at 12 VDC motor 40 A / 10 A (make/break) at 12 VDC lamp Material Silver tin oxide (silver nickel available - contact factory) Resistance < 50 milliohms initially (24 V, 1 A voltage drop method) Contact Voltage 100 mV typical, 250 mV max. at rated load GENERAL DATA Life Expectancy Minimum operations Mechanical 1 x 107 Electrical 1 x 105 at 20 A 12 VDC Res. Operate Time (max.) 10 ms max. at nominal coil voltage Release Time (max.) 10 ms max. at nominal coil voltage (with no coil suppression) Dielectric Strength 500 VRMS coil to contact (at sea level for 1 min.) 500 VRMS between open contacts Insulation Resistance 1 megohms min. at 20°C, 500 VDC 50% RH Dropout Greater than 10% of nominal coil voltage Ambient Temperature At nominal coil voltage Operating -40°C (-40°F) to 125°C (257°F) Storage -40°C (-40°F) to 155°C (320°F) Vibration 5g 10-500 Hz Shock 20 g Enclosure P.B.T. polyester Terminals Quick connects or PCB Note: Allow suitable slack on leads when wiring, and do not subject the terminals to excessive force. Max Solder Temp. 270°C (518°F) Max Solder Time 5 seconds Max Solvent Temp 80°C (176°F) Max Immersion Time 30 seconds Weight 22 grams AZ988 30 AMP MICRO-ISO AUTOMOTIVE RELAY FEATURES • Quick Connect or PCB terminals • Up to 30 Amp switching capability in a compact size • Coils up to 24VDC • Small footprint • SPST (1 Form A), SPDT (1 Form C) • Vibration and shock resistant • Coil suppression available • ISO/TS 16949, ISO9001 and ISO 14000 • Tested in accordance with SAE J2544 • Cost effective solution • Designed for high in-rush applications COIL Power At Pickup Voltage 576 mW (Standard) (typical) 418 mW (Sensitive) Max. Continuous 3.6 W at 20°C (68°F) ambient Dissipation Temperature Rise 60°C (108°F) at nominal coil voltage Max Temperature 180°C (356°F) NOTES 1. All values at 20°C (68°F). 2. Relay may pull in with less than “Must Operate” value. 3. Specifications subject to change without notice. drop 6/27/06W |
Similar Part No. - AZ988-1AT-12DSC1R |
|
Similar Description - AZ988-1AT-12DSC1R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |