Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDI565047-1R5F Datasheet(PDF) 6 Page - Superworld Electronics

Part # SDI565047-1R5F
Description  WIREWOUND CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI565047-1R5F Datasheet(HTML) 6 Page - Superworld Electronics

  SDI565047-1R5F Datasheet HTML 1Page - Superworld Electronics SDI565047-1R5F Datasheet HTML 2Page - Superworld Electronics SDI565047-1R5F Datasheet HTML 3Page - Superworld Electronics SDI565047-1R5F Datasheet HTML 4Page - Superworld Electronics SDI565047-1R5F Datasheet HTML 5Page - Superworld Electronics SDI565047-1R5F Datasheet HTML 6Page - Superworld Electronics SDI565047-1R5F Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
31.07.2008
PG. 6
Cover tape
250mm Min.
Tape leader
388mm Min.
Tape trailer
160mm Min.
8-2. Quantity & G.W. per package
SDI565047
SERIES
OUTER : CARTON
G.W. (Kg)
G.W. (Kg)
0.78
1000
Q'TY (PCS)
16000
Q'TY (PCS)
INNER : REEL
SIZE (cm)
36 x 36 x 40
16
Components
Direction of feed
SDI565047 SERIES
WIREWOUND CHIP INDUCTORS
8-1. Reel & Tape Dimension
8. PACKAGING INFORMATION : ( Unit : mm )
330
13±1
2.5±0.5
23±1
-0.00
+0.10
1.50
4±0.1
12


Similar Part No. - SDI565047-1R5F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDI565047-1R5F SUPERWORLD-SDI565047-1R5F Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SDI565047-1R5F

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com