Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ991 Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ991
Description  MINIATURE PC BOARD RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ991 Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ991 Datasheet HTML 1Page - American Zettler, Inc. AZ991 Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AZ991
12/15/03W
RELAY ORDERING DATA
STANDARD RELAYS: Light Duty (3 Amp Contact)
COIL SPECIFICATIONS
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
ORDER NUMBER*
VDC
VDC
± 10%
VDC
5
8.4
63
4.0
AZ991–1C–5D
6
10.0
90
4.8
AZ991–1C–6D
9
15.1
202
7.2
AZ991–1C–9D
12
20.2
360
9.6
AZ991–1C–12D
24
40.3
1,440
19.2
AZ991–1C–24D
48
80.7
5,760
38.4
AZ991–1C–48D
STANDARD RELAYS: Medium Duty (5 Amp Contact)
COIL SPECIFICATIONS
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
ORDER NUMBER*
VDC
VDC
± 10%
VDC
5
8.4
63
4.0
AZ991–1CH–5D
6
10.0
90
4.8
AZ991–1CH–6D
9
15.1
202
7.2
AZ991–1CH–9D
12
20.2
360
9.6
AZ991–1CH–12D
24
40.3
1,440
19.2
AZ991–1CH–24D
48
80.7
5,760
38.4
AZ991–1CH–48D
STANDARD RELAYS: Heavy Duty (10 Amp Contact)
COIL SPECIFICATIONS
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
ORDER NUMBER*
VDC
VDC
± 10%
VDC
5
8.4
63
4.0
AZ991–1CT–5D
6
10.0
90
4.8
AZ991–1CT–6D
9
15.1
202
7.2
AZ991–1CT–9D
12
20.2
360
9.6
AZ991–1CT–12D
24
40.3
1,440
19.2
AZ991–1CT–24D
48
80.7
5,760
38.4
AZ991–1CT–48D
* Add suffix “L” for flux-tight version
MECHANICAL DATA
WIRING DIAGRAM
5
N.C.
N.O.
4
Viewed toward terminals
PC BOARD LAYOUT
Viewed toward terminals
2
1
5 — 0.05 dia. holes
(5 — 1.3 dia. holes)
0.4
(10.16)
0.18
(4.45)
0.18
(4.45)
0.3
(7.62)
0.3
(7.62)
0.87
(22)
0.55
(14)
0.72
(18.2)
.019
(0.5)
0.15
(3.9)
.040
(1.1)
.012
(0.3)
.040
(1.1)
0.40
(10.16)
0.15
(3.9)
0.30
(7.62)
0.30
(7.62)
0.18
(4.45)
0.18
(4.45)
0.02
(0.51)
.035
(0.89)
Dimensions in inches with metric equivalents in
parentheses. Tolerance: ± .010"
Coil Temperature Rise vs. Coil Power
20
100
11 0
130
150
0A
1.5A
3A
5A
30
40
50
80
% of Nominal Coil Voltage (at 20˚C)
Maximum Switching Capacity
AC RESISTIVE
LOAD
250
200
100
0.5
1
5
3
30
50
Voltage
DC RESISTIVE
LOAD


Similar Part No. - AZ991

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ991 ETC2-AZ991 Datasheet
77Kb / 2P
   MINIATURE PC BOARD RELAY
More results

Similar Description - AZ991

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ991 ETC2-AZ991 Datasheet
77Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ946 ZETTLER-AZ946_14 Datasheet
43Kb / 2P
   MINIATURE PC BOARD RELAY
AZ946 ZETTLER-AZ946 Datasheet
63Kb / 2P
   MINIATURE PC BOARD RELAY
logo
Tyco Electronics
TSC MACOM-TSC Datasheet
87Kb / 2P
   Miniature, Sealed PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com