Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-9912C-SL20iG Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # FTM-9912C-SL20iG
Description  1.25Gbps Single Fiber Bi-directional SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9912C-SL20iG Datasheet(HTML) 1 Page - Source Photonics, Inc.

  FTM-9912C-SL20iG Datasheet HTML 1Page - Source Photonics, Inc. FTM-9912C-SL20iG Datasheet HTML 2Page - Source Photonics, Inc. FTM-9912C-SL20iG Datasheet HTML 3Page - Source Photonics, Inc. FTM-9912C-SL20iG Datasheet HTML 4Page - Source Photonics, Inc. FTM-9912C-SL20iG Datasheet HTML 5Page - Source Photonics, Inc. FTM-9912C-SL20iG Datasheet HTML 6Page - Source Photonics, Inc. FTM-9912C-SL20iG Datasheet HTML 7Page - Source Photonics, Inc. FTM-9912C-SL20iG Datasheet HTML 8Page - Source Photonics, Inc. FTM-9912C-SL20iG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 1 of 11
Features
1.25Gbps bi-directional data links
Up to 20km point-point transmission
1310nm FP transmitter and 1490nm PIN
receiver for FTM-9612C-SL20(i)G
1490nm DFB transmitter and 1310nm PIN
receiver for FTM-9912C-SL20(i)G
Class I laser product
Low EMI and excellent ESD protection
SFP MSA package with single LC receptacle
Single +3.3V Power Supply
Detailed product information in EEPROM
FTM-9612C-SL20(i)G Operating Case
Temperature
Standard: 0 to +70°C
Industrial: -40 to +85°C
FTM-9912C-SL20(i)G Operating Case
Temperature
Standard: 0 to +70°C
Industrial: -40 to +85°C
Applications
Gigabit Ethernet Application
Point-to-Point FTTX Application
Standard
Compatible with SFP MSA
Refer to IEEE 802.3ah -2004
Compatible with Digital Diagnostic SFF-8472
Compatible with Bellcore GR-468
Compatible with FDA 21 CFR 1040.10 and
1040.11, Class I
RoHS compliance
Description
Fiberxon 1.25G single fiber bi-directional SFP
transceivers are high performance, cost effective
modules, which supports data rate of 1.25Gbps and
transmission distance up to 20km.
FTM-9612C-SL20(i)G is normally used in the client
side (ONU), which transmits 1310nm optical signal
and
receives
1490nm
optical
signal.
While
FTM-9912C-SL20(i)G is used in the central office
side (OLT), which transmits 1490nm optical signal
and receives 1310nm optical signal.
The standard serial ID information Compatible with
SFP MSA describes the transceiver’s capabilities,
standard
interfaces,
manufacturer
and
other
information. The host equipment can access this
information via the 2-wire serial CMOS EEPROM
protocol. For further information, please refer to SFP
MSA.
FTM-9612C-SL20(i)G and FTM-9912C-SL20(i)G
are compliant with RoHS
Jun. 12, 2007
Members of Flexon
TM Family
(For 20km point-to-point transmission)
1.25Gbps Single Fiber Bi-directional SFP Transceiver


Similar Part No. - FTM-9912C-SL20iG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9912C-SL10G SOURCE-FTM-9912C-SL10G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9912C-SL10iG SOURCE-FTM-9912C-SL10iG Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
More results

Similar Description - FTM-9912C-SL20iG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9612S-SL15G SOURCE-FTM-9612S-SL15G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL10G SOURCE-FTM-9612C-SL10G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612S-SL10G SOURCE-FTM-9612S-SL10G Datasheet
331Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-BD53-01 PULSE-SFPT-BD53-01 Datasheet
222Kb / 11P
   1.25Gbps SFP Bi-Directional Transceiver
logo
Source Photonics, Inc.
FTM-9312S-G10G SOURCE-FTM-9312S-G10G Datasheet
287Kb / 10P
   1.25Gbps Single Fiber Bi-directional GBIC Transceiver
FTM-9612S-K15EG SOURCE-FTM-9612S-K15EG Datasheet
348Kb / 9P
   1.25Gbps Single Fiber Bi-directional SFF 2*10 Transceiver
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com