Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDI453226-120F Datasheet(PDF) 4 Page - Superworld Electronics

Part # SDI453226-120F
Description  WIREWOUND CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI453226-120F Datasheet(HTML) 4 Page - Superworld Electronics

  SDI453226-120F Datasheet HTML 1Page - Superworld Electronics SDI453226-120F Datasheet HTML 2Page - Superworld Electronics SDI453226-120F Datasheet HTML 3Page - Superworld Electronics SDI453226-120F Datasheet HTML 4Page - Superworld Electronics SDI453226-120F Datasheet HTML 5Page - Superworld Electronics SDI453226-120F Datasheet HTML 6Page - Superworld Electronics SDI453226-120F Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
WIREWOUND CHIP INDUCTORS
SDI453226 SERIES
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 4
31.07.2008
6. RELIABILITY AND TEST CONDITION :
Sample
TEST CONDITION
A period of 2 hours in each of 3 mutually perpendicular
Directions & times : X, Y, Z directions for 2 hours.
1Min
1.0
(1 angle, 1 ridge and 2 surface orientations)
Drop from a height of 1m with 981m/s² (100G) altitude
Bend PCB at middle point, the deflection shall be 2mm.
X
>5N
30
A<8mm²
JIS C 5321:1997
>10N
>20N
applied on the right conditions.
dielectric must not be damaged by the forces
Bending Test : The terminal electrode & the
Reflow Curve
20mm²<A
8mm²<A<20mm²
Bending Test :
10
10
R0.5
Freq
Force
A : Sectional area of terminal
MIL-STD-202G Method 203C
Terminal Strength Push Test
Reference documents:
Reference documents:
Pulling Test :
Drop Test
Pulling Test :
Time (sec)
55Hz
10Hz
PERFORMANCE
MIL-STD-202G Method 201A
Reference documents:
Vibration Test
Heat Endurance of
Reflow Soldering
IPC J-STD-020B
Reference documents:
ITEM
directions (Total 6 hours).
Amplitude : 0.75mm
Frequency : 10~55Hz
Peak temp. : 245±5°C
No. of cycle : 3
Refer to reflow curve.
Y
Time
1. No case deformation or change in appearance.
4. DCR/DCR<10%
2. L/L<30% (Closed Magnetic Circuit)
L/L<10%
3. Q/Q < 30%
1. No case deformation or change in appearance.
4. DCR/DCR<10%
2. L/L<30% (Closed Magnetic Circuit)
L/L<10%
3. Q/Q < 30%
270
50
250
200
150
100
300
Preheat
Peak
Ramp-up
Ramp-down
2. L/L<30% (Closed Magnetic Circuit)
4. DCR/DCR<10%
1. No case deformation or change in appearance.
3. Q/Q < 30%
L/L<10%


Similar Part No. - SDI453226-120F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDI453226-120F SUPERWORLD-SDI453226-120F Datasheet
202Kb / 5P
   Wire Wound Inductor
More results

Similar Description - SDI453226-120F

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com