Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSC30U-240 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSC30U-240
Description  20-30 Watt Universal 3-Wire Input Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSC30U-240 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSC30U-240 Datasheet HTML 1Page - Phihong USA Inc. PSC30U-240 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WWW.PHIHONG.COM
20-30 Watt Universal 3-Wire Input Adapter
PSC30U Adapter Series Meets CEC and EISA Requirements
Features
Applications
Safety Approvals
Mechanical Characteristics
Output Specifications
• Low Cost
• Non-vented/Spill-proof Case
• EISA Energy Efficient Compliance
• Low Profile Design
• Class B EMI
• Portable Equipment
• Networking
• Peripherals
• Gaming Machines
• cUL/UL 60950-1
• TUV EN60950-1
• CE
• SAA
• C-Tick
• Meeting Cal. Prop. 65
• Length: 98.5mm (3.88in)
• Height: 31.4mm (1.24in)
• Width: 55mm (2.17in)
• Weight: 250g (8.82oz.)
Load
Regulation
Model
DC Output
Voltage
Min.
Max.
Ripple (1)
P-P (max.)
Line
Load
Efficiency
Level
PSC30U-050
+5V
0A
4.0A
50mV
±5%
PSC30U-120
+12V
0A
2.5A
120mV
±5%
PSC30U-240
+24V
0A
1.25A
240mV
±5%
PSC30U-480
+48V
0A
0.625A
240mV
±5%
(1) Measured with using 12-inch twisted pair terminated with a 10uF capacitor and 0.1uF ceramic in parallel.
Phihong reserves the right to make changes without further notice. Please consult Phihong USA and visit
www.phihong.com for the most up-to-date specifications.


Similar Part No. - PSC30U-240

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSC30U-240V PHIHONG-PSC30U-240V Datasheet
77Kb / 2P
   30 Watt Universal 3-Wire Input Adapter
PSC30U-240V PHIHONG-PSC30U-240V Datasheet
93Kb / 2P
   30 Watt Universal 3-Wire Input Adapter
More results

Similar Description - PSC30U-240

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA31U-050 PHIHONG-PSA31U-050 Datasheet
324Kb / 2P
   20-30 Watt Universal 3-Wire Input Adapter
PSC30U-120V PHIHONG-PSC30U-120V_14 Datasheet
93Kb / 2P
   30 Watt Universal 3-Wire Input Adapter
PSC30U-120V PHIHONG-PSC30U-120V Datasheet
77Kb / 2P
   30 Watt Universal 3-Wire Input Adapter
PSC18U-480 PHIHONG-PSC18U-480_14 Datasheet
146Kb / 2P
   18 Watt Universal 3-Wire Input Adapter
PSC75U-560 PHIHONG-PSC75U-560 Datasheet
120Kb / 2P
   75 Watt Universal 3-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120_17 Datasheet
89Kb / 3P
   60 Watt Universal 3-Wire Input Adapter
PSAA60M-120 PHIHONG-PSAA60M-120 Datasheet
153Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSC18U-480 PHIHONG-PSC18U-480 Datasheet
135Kb / 2P
   18 Watt Universal 3-Wire Input Adapter
PSC60M-120 PHIHONG-PSC60M-120 Datasheet
128Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120_14 Datasheet
124Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com