Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ988-1AT-12DSEC3RQ Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ988-1AT-12DSEC3RQ
Description  30 AMP MICRO-ISO AUTOMOTIVE RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ988-1AT-12DSEC3RQ Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ988-1AT-12DSEC3RQ Datasheet HTML 1Page - American Zettler, Inc. AZ988-1AT-12DSEC3RQ Datasheet HTML 2Page - American Zettler, Inc. AZ988-1AT-12DSEC3RQ Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CONTACTS
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
Ratings
Resistive load:
Max. switched power: 540 W
Max. switched current: 30 A
Max. switched voltage: 27 VDC
1 Form A (N.O.)
30 A / 30 A (make/break) at 12 VDC resistive
40 A / 20 A (make/break) at 12 VDC motor
120 A / 20 A (make/break) at 12 VDC lamp
1 Form C (N.O.)
20 A / 20 A (make/break) at 12 VDC resistive
40 A / 20 A (make/break) at 12 VDC motor
120 A / 20 A (make/break) at 12 VDC lamp
1 Form C (N.C.)
10 A / 10 A (make/break) at 12 VDC resistive
20 A / 10 A (make/break) at 12 VDC motor
40 A / 10 A (make/break) at 12 VDC lamp
Material
Silver tin oxide (silver nickel available - contact factory)
Resistance
< 50 milliohms initially
(24 V, 1 A voltage drop method)
Contact Voltage 100 mV typical, 250 mV max. at rated load
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 20 A 12 VDC Res.
Operate Time (max.)
10 ms max. at nominal coil voltage
Release Time (max.)
10 ms max. at nominal coil voltage
(with no coil suppression)
Dielectric Strength
500 VRMS coil to contact
(at sea level for 1 min.) 500 VRMS between open contacts
Insulation Resistance
1 megohms min. at 20°C, 500 VDC
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 125°C (257°F)
Storage
-40°C (-40°F) to 155°C (320°F)
Vibration
5g 10-500 Hz
Shock
20 g
Enclosure
P.B.T. polyester
Terminals
Quick connects or PCB
Note: Allow suitable slack on leads when wiring, and do
not subject the terminals to excessive force.
Max Solder Temp.
270°C (518°F)
Max Solder Time
5 seconds
Max Solvent Temp
80°C (176°F)
Max Immersion Time
30 seconds
Weight
22 grams
AZ988
30 AMP MICRO-ISO
AUTOMOTIVE RELAY
FEATURES
• Quick Connect or PCB terminals
• Up to 30 Amp switching capability in a compact size
• Coils up to 24VDC
• Small footprint
• SPST (1 Form A), SPDT (1 Form C)
• Vibration and shock resistant
• Coil suppression available
• ISO/TS 16949, ISO9001 and ISO 14000
• Tested in accordance with SAE J2544
• Cost effective solution
• Designed for high in-rush applications
COIL
Power
At Pickup Voltage
576 mW (Standard)
(typical)
418 mW (Sensitive)
Max. Continuous
3.6 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
60°C (108°F) at nominal coil voltage
Max Temperature
180°C (356°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
drop
6/27/06W


Similar Part No. - AZ988-1AT-12DSEC3RQ

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ980 ZETTLER-AZ980 Datasheet
61Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
American Zettler, Inc.
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
logo
ZETTLER Electronics
AZ980 ZETTLER-AZ980 Datasheet
56Kb / 2P
   80 AMP AUTOMOTIVE RELAY
AZ980-1A-12D ZETTLER-AZ980-1A-12D Datasheet
61Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
American Zettler, Inc.
AZ980-1A-12D AZETTLER-AZ980-1A-12D Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
More results

Similar Description - AZ988-1AT-12DSEC3RQ

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ977 AZETTLER-AZ977 Datasheet
82Kb / 2P
   20 AMP MICRO-ISO AUTOMOTIVE RELAY
AZ987 AZETTLER-AZ987 Datasheet
105Kb / 3P
   30 AMP MICRO AUTOMOTIVE RELAY
AZ9871 AZETTLER-AZ9871 Datasheet
130Kb / 2P
   30 AMP MICRO AUTOMOTIVE RELAY
logo
ZETTLER Electronics
AZ987 ZETTLER-AZ987 Datasheet
51Kb / 2P
   30 AMP MICRO AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8HN OMRON-G8HN_1 Datasheet
252Kb / 8P
   Micro ISO Automotive Relay
G8HN OMRON-G8HN Datasheet
156Kb / 5P
   Micro ISO Automotive Relay
G8H OMRON-G8H Datasheet
247Kb / 8P
   Micro ISO Automotive Relay
logo
Picker Components
PC780 PICKER-PC780 Datasheet
541Kb / 2P
   25/20 Amp Automotive Plug-In Micro ISO Relay
PC781 PICKER-PC781 Datasheet
444Kb / 2P
   15 Amp Micro ISO 280 Automotive Plug-In Relay
PC783 PICKER-PC783 Datasheet
711Kb / 2P
   35 Amp Micro ISO Automotive Plug In / PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com