Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-9823T-CGH Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # FTM-9823T-CGH
Description  GPON ONT Triplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9823T-CGH Datasheet(HTML) 6 Page - Source Photonics, Inc.

Back Button FTM-9823T-CGH Datasheet HTML 2Page - Source Photonics, Inc. FTM-9823T-CGH Datasheet HTML 3Page - Source Photonics, Inc. FTM-9823T-CGH Datasheet HTML 4Page - Source Photonics, Inc. FTM-9823T-CGH Datasheet HTML 5Page - Source Photonics, Inc. FTM-9823T-CGH Datasheet HTML 6Page - Source Photonics, Inc. FTM-9823T-CGH Datasheet HTML 7Page - Source Photonics, Inc. FTM-9823T-CGH Datasheet HTML 8Page - Source Photonics, Inc. FTM-9823T-CGH Datasheet HTML 9Page - Source Photonics, Inc. FTM-9823T-CGH Datasheet HTML 10Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
20-PIN Compact Package GPON ONT Triplexer
FTM-9823T-CGH(i)(G)
Class B
+ attenuation range: 13-28dB
Preliminary Data Sheet
May 14. 2007
Document Confidential Level: In public
Template ver. 1e
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 6 of 18
Table 8 - General TPXM Specifications
Parameter
Conditions
Minimum
Typical
Maximum
Units
Optical Isolation
From external 1310 nm to 1490 nm Rx
28
dB
Optical Isolation
From external 1310 nm to 1555 nm Rx
40
Optical Cross-talk
From 1310 nm Tx to 1490 nm Rx
-47
dB
Optical Cross-talk
From 1310 nm Tx to 1555 nm Rx
-47
dB
Optical Isolation
From external 1555 nm to 1490 nm Rx
35
dB
Optical Isolation
From external 1490 nm to 1555 nm Rx
35
dB
Reflectance
1480 ~ 1500 nm
-30
dB
Reflectance
1260 ~ 1360 nm
-30
dB
Table 9 - Electrical Input/Output Coupling Mode
P/N
Input (TD+/TD-)
Output (RD+/RD-)
Analog Output
FTM-9823T-CGH
Internal DC Coupling
Internal AC Coupling
75Ω Mini SMB Jack Connector
FTM-9823T-CGHG
Internal DC Coupling
Internal AC Coupling
75Ω Mini SMB Jack Connector
FTM-9823T-CGHi
Internal DC Coupling
Internal AC Coupling
75Ω Mini SMB Jack Connector
FTM-9823T-CGHiG
Internal DC Coupling
Internal AC Coupling
75Ω Mini SMB Jack Connector
Optical Signal Output
(at ONT side)
Optical Signal
(1-Level)
Dark Level
BEN
Upstream Data
(TD+/TD- at ONT side)
Optical Signal
(0-Level)
T
ON
T
OFF
Figure 1 Timing Parameter Definition in Burst Mode Sequence


Similar Part No. - FTM-9823T-CGH

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9812T-C10 SOURCE-FTM-9812T-C10 Datasheet
301Kb / 12P
   GEPON ONU Triplexer
FTM-9812T-C10G SOURCE-FTM-9812T-C10G Datasheet
301Kb / 12P
   GEPON ONU Triplexer
More results

Similar Description - FTM-9823T-CGH

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9423P-FGHG SOURCE-FTM-9423P-FGHG Datasheet
350Kb / 17P
   SFF GPON ONT Diplexer
logo
Maxim Integrated Produc...
MAX3886 MAXIM-MAX3886 Datasheet
302Kb / 17P
   Multirate CDR with Integrated Serializer/Deserializer for GPON and BPON ONT Applications
Rev 0; 12/07
logo
Mini-Circuits
TPLX-F2700 MINI-TPLX-F2700 Datasheet
593Kb / 4P
   Triplexer
logo
Finisar Corporation.
FTGN2117P2XXN FINISAR-FTGN2117P2XXN Datasheet
225Kb / 8P
   GPON Stick (GPON SFP ONU)
logo
Mini-Circuits
TPLX-E2485 MINI-TPLX-E2485 Datasheet
612Kb / 4P
   Triplexer
ZTPL-4620 MINI-ZTPL-4620 Datasheet
487Kb / 4P
   Triplexer
logo
Source Photonics, Inc.
FTM-9812T-C10 SOURCE-FTM-9812T-C10 Datasheet
301Kb / 12P
   GEPON ONU Triplexer
logo
Pulse A Technitrol Comp...
C6224NL PULSE-C6224NL Datasheet
136Kb / 2P
   TRIPLEXER FILTER MODULE
logo
TDK Electronics
TPX205950MT-7004A1 TDK-TPX205950MT-7004A1 Datasheet
95Kb / 8P
   Multilayer Triplexer
logo
Source Photonics, Inc.
OTP-345V1-PE-1250-SCA-SD SOURCE-OTP-345V1-PE-1250-SCA-SD Datasheet
385Kb / 4P
   FSAN High Power Triplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com