Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-9712S-SL20EG Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # FTM-9712S-SL20EG
Description  SC Receptacle SFP GE-PON OLT Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9712S-SL20EG Datasheet(HTML) 1 Page - Source Photonics, Inc.

  FTM-9712S-SL20EG Datasheet HTML 1Page - Source Photonics, Inc. FTM-9712S-SL20EG Datasheet HTML 2Page - Source Photonics, Inc. FTM-9712S-SL20EG Datasheet HTML 3Page - Source Photonics, Inc. FTM-9712S-SL20EG Datasheet HTML 4Page - Source Photonics, Inc. FTM-9712S-SL20EG Datasheet HTML 5Page - Source Photonics, Inc. FTM-9712S-SL20EG Datasheet HTML 6Page - Source Photonics, Inc. FTM-9712S-SL20EG Datasheet HTML 7Page - Source Photonics, Inc. FTM-9712S-SL20EG Datasheet HTML 8Page - Source Photonics, Inc. FTM-9712S-SL20EG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Doc No: DS3513009-1c
Page 1 of 15
Features
Single fiber bi-directional data links with symmetric
1.25Gbps upstream and 1.25Gbps downstream
Integrated with micro-optics WDM filter for dual
wavelength Tx/Rx operation at 1490/1310nm
1490nm continuous-mode transmitter with DFB
laser
1310nm burst-mode receiver with APD-TIA
Optical isolator built in for extreme Return Loss
tolerance
Resetless burst-mode receiver design
Support more than 24dB dynamic range
0 to 70℃ operating temperature (S-SL20)
-40 to 75℃ operating temperature (S-SL20E)
Spring-latch SFP (Small Form-factor Pluggable)
package with SC receptacle optical interface.
Detailed product information in EEPROM
Digital
diagnostic
interface
compliant
with
SFF-8472 Rev 9.4
Single 3.3V power supply
Maximum 1W total power dissipation
LVPECL compatible data input/output interface
LVTTL transmitter disable control
LVTTL transmitter laser failure alarm
LVTTL receiver Loss Of Signal(LOS) indication
Low EMI and excellent ESD protection
ClassⅠlaser safety standard IEC-60825 compliant
RoHS compliance (S-SL20G and S-SL20EG)
Applications
Gigabit Ethernet Passive Optical Networks
(GE-PON) – OLT side
Standard
Compliant with IEEE Std 802.3ah™ -2004
Compliant with FCC 47 CFR Part 15, Class B
Compliant with FDA 21 CFR 1040.10 and 1040.11,
ClassⅠ
Compliant with SFF-8074i Rev 1.0
Compliant with SFF-8472 Rev 9.4
Description
FTM-9712S-SL20(E)(G) is Optical Line Terminal (OLT)
compliant with IEEE 802.3ah™-2004 1000BASE-PX20
application.
The transceiver is the high performance module for
1.25Gbps data link in single fiber by using 1490nm
continuous-mode transmitter and 1310nm burst-mode
receiver. The transmitter section uses a multiple
quantum well 1490nm DFB laser and is CassⅠlaser
compliant product according to international safety
standard IEC-60825. The receiver section uses an
integrated 1310nm APD (Avalanche Photo Diode) and
preamplifier mounted in an optical header and limiting
post-amplifier IC. Unlike the conventional burst-mode
receiver, the receiver does not require reset pulse to
receive optical data packets with different optical
power.
The optical output can be disabled by LVTTL logic
high-level input of TX Disable. TX Fault is provided to
indicate that degradation of the laser. Loss of Signal
(LOS) output is provided to indicate the loss of an input
optical signal of receiver.
Enhanced Digital Diagnostic Monitoring Interface
(DDMI) compliant with SFF-8472 Rev 9.4 has been
incorporated into the transceivers. It allows real time
access to the transcevier operating parameters such as
transceiver temperature, laser bias current, transmitted
optical power, received optical power and transceiver
supply voltage by reading a built-in memory with I
2C
interface. For further information, please refer to
SFF-8472 Rev 9.4.
Apr.28, 2006
(IEEE 802.3ahTM-2004 1000Base-PX20-D)
SC Receptacle SFP GE-PON OLT Transceiver
FTM-9712S-SL20(E)(G)
Members of FlexonTM Family


Similar Part No. - FTM-9712S-SL20EG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9712P-F20 SOURCE-FTM-9712P-F20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712P-F20G SOURCE-FTM-9712P-F20G Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712P-K20 SOURCE-FTM-9712P-K20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712P-K20G SOURCE-FTM-9712P-K20G Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9712T-F20 SOURCE-FTM-9712T-F20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
More results

Similar Description - FTM-9712S-SL20EG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9723P-KGHG SOURCE-FTM-9723P-KGHG Datasheet
467Kb / 16P
   2x10 SFF G-PON OLT Transceiver
logo
Vitesse Semiconductor C...
VSC7718 VITESSE-VSC7718 Datasheet
475Kb / 2P
   GPON and GE-PON OLT Transimpedance Amplifier and Limiting Amplifier Chipset
logo
Source Photonics, Inc.
FTM-9412P-F20 SOURCE-FTM-9412P-F20 Datasheet
290Kb / 11P
   SFF GE-PON PX20 ONU Transceiver
logo
ATGBICS by Approved Tec...
ONS-SC-GE-LX-C ATGBICS-ONS-SC-GE-LX-C Datasheet
322Kb / 9P
   ONS-SC-GE-LX Cisco Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
ONS-SC-GE-SX-C ATGBICS-ONS-SC-GE-SX-C Datasheet
294Kb / 8P
   ONS-SC-GE-SX Cisco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
AVAGO TECHNOLOGIES LIMI...
BT-2442CS AVAGO-BT-2442CS Datasheet
169Kb / 1P
   10G E-PON Asymmetrical OLT Tri-direction OSA
logo
Optoway Technology Inc
LT-74H73H-PG OPTOWAY-LT-74H73H-PG Datasheet
122Kb / 5P
   3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver
logo
Source Photonics, Inc.
FTM-9412S-F10 SOURCE-FTM-9412S-F10 Datasheet
810Kb / 11P
   2x5 SFF GE-PON ONU Diplexer
logo
Level One
GEU-0521 LVL1-GEU-0521 Datasheet
313Kb / 3P
   4 GE plus 1 GE SFP Switch
logo
Source Photonics, Inc.
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com