Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-9712P-K20 Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # FTM-9712P-K20
Description  2횞5/2횞10 SFF GEPON OLT Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9712P-K20 Datasheet(HTML) 7 Page - Source Photonics, Inc.

Back Button FTM-9712P-K20 Datasheet HTML 3Page - Source Photonics, Inc. FTM-9712P-K20 Datasheet HTML 4Page - Source Photonics, Inc. FTM-9712P-K20 Datasheet HTML 5Page - Source Photonics, Inc. FTM-9712P-K20 Datasheet HTML 6Page - Source Photonics, Inc. FTM-9712P-K20 Datasheet HTML 7Page - Source Photonics, Inc. FTM-9712P-K20 Datasheet HTML 8Page - Source Photonics, Inc. FTM-9712P-K20 Datasheet HTML 9Page - Source Photonics, Inc. FTM-9712P-K20 Datasheet HTML 10Page - Source Photonics, Inc. FTM-9712P-K20 Datasheet HTML 11Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2× 5/2×10 SFF GEPON OLT Transceiver
FTM-9712P(T)-F(K)20(G)
20km transmission
Preliminary Data Sheet
Mar. 20, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Doc No: DS3513000-1d
Page 7 of 13
Figure 5 shows the recommended interface schemes for FTM-9712P(T)-K20(G).
GEPON MAC
FTM-9712P(T)-K20(G)
CM
Laser
Driver
BM
Limiting
Amplifier
Z=50
TD+(14)
TD-(15)
RD+(10)
RD-(9)
2x150
100
TX_DIS(13)
SD(8)
SerDes
TXP
TXN
RXN
RXP
VCCT(11)
VCCR(7)
2x1uH
10uF
0.1uF
0.1uF
0.1uF
10uF
VEET(12,16)
VEER(2,3,6)
PON_TX_DISABLE
PON_LOS
2x130
+3.3V
1K
4.7-10K
Tx_Fault(CPU IO)
LAS_nFAIL(18)
DEBUG_PORT#1 (19)
DEBUG_PORT#2 (20)
Note
Fiberxon
Tuning
Equipment
+3.3V
Z=50
Z=50
Z=50
2x82
+3.3V
+3.3V
1K
Figure 5 FTM-9712P(T)-K20(G) Recommended Interface Circuit
Note: Fiberxon reserve the two-wire debug port for module tuning.
(DO NOT connect these pins to any circuit on host board)


Similar Part No. - FTM-9712P-K20

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9712S-SL20 SOURCE-FTM-9712S-SL20 Datasheet
482Kb / 15P
   SC Receptacle SFP GE-PON OLT Transceiver
FTM-9712S-SL20E SOURCE-FTM-9712S-SL20E Datasheet
482Kb / 15P
   SC Receptacle SFP GE-PON OLT Transceiver
FTM-9712S-SL20EG SOURCE-FTM-9712S-SL20EG Datasheet
482Kb / 15P
   SC Receptacle SFP GE-PON OLT Transceiver
FTM-9712S-SL20G SOURCE-FTM-9712S-SL20G Datasheet
482Kb / 15P
   SC Receptacle SFP GE-PON OLT Transceiver
More results

Similar Description - FTM-9712P-K20

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9412P-F10 SOURCE-FTM-9412P-F10 Datasheet
300Kb / 11P
   2x5 SFF GEPON ONU Transceiver
FTM-9412P-F20FG SOURCE-FTM-9412P-F20FG Datasheet
316Kb / 12P
   SFF GEPON PX20 ONU Transceiver
FTM-8025C-FBG SOURCE-FTM-8025C-FBG Datasheet
234Kb / 8P
   1~2.5Gbps 850nm SFF 2횞5 Transceiver
FTM-9723P-KGHG SOURCE-FTM-9723P-KGHG Datasheet
467Kb / 16P
   2x10 SFF G-PON OLT Transceiver
FTM-9412S-F20F SOURCE-FTM-9412S-F20F Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
FTM-9412S-F20G SOURCE-FTM-9412S-F20G Datasheet
847Kb / 11P
   2x5 SFF GEPON ONU Transceiver FTM-9412S-F20(i)(DC)G
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
logo
Hitachi Semiconductor
HTR6545 HITACHI-HTR6545 Datasheet
284Kb / 10P
   SFF TRANSCEIVER
logo
Source Photonics, Inc.
SFU-43-48H-HP-RDE SOURCE-SFU-43-48H-HP-RDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
logo
Finisar Corporation.
FTGL2025S1TUS FINISAR-FTGL2025S1TUS Datasheet
91Kb / 10P
   GPON OLT Class B Pigtailed RoHS Compliant Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com