Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDC1207-470MF Datasheet(PDF) 3 Page - Superworld Electronics

Part # SDC1207-470MF
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDC1207-470MF Datasheet(HTML) 3 Page - Superworld Electronics

  SDC1207-470MF Datasheet HTML 1Page - Superworld Electronics SDC1207-470MF Datasheet HTML 2Page - Superworld Electronics SDC1207-470MF Datasheet HTML 3Page - Superworld Electronics SDC1207-470MF Datasheet HTML 4Page - Superworld Electronics SDC1207-470MF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
12.05.2008
SMD POWER INDUCTORS
SDC1207 SERIES
6. RELIABILITY AND TEST CONDITIONS :
Refer to standard electrical characteristics list
More than 90% of the terminal electrode
Preheating
60
seconds
Preheating
2. Inductance change : Within ±20%
1. Appearance : No significant abnormality
should be covered with solder.
1. Appearance : No damage
2. Inductance : Within ±20% of initial value.
No disconnection or short circuit.
1. Appearance : No damage
2. Inductance : Within ±20% of initial value.
No disconnection or short circuit.
60
seconds
PERFORMANCE
Humidity Resistance
Life Test
High Temperature
Reliability Test
Life Test
Thermal Shock
Low Temperature
Solderability Test
Solder Heat Resistance
150°C
260°C
230°C
150°C
Inductance
DCR
Electrical Characteristics Test
Heat Rated Current (Irms)
Mechanical Performance Test
Saturation Current (Isat)
ITEM
10±0.5
seconds
Humidity : 90% to 95%
Temperature : 40±5°C
Time : 500±12 hours
Applied Current : Rated Curent
Measure at room temperature after placing for 2 to 3 hrs.
Measure at room temperature after placing for 2 to 3 hrs.
Total : 5 cycles
Time : 500±12 hours
Temperature : 85±5°C
-25±3
Temperature (°C)
Room Temperature
Conditions of 1 cycle.
Time : 500±12 hours
Temperature : -25±5°C
Measure at room temperature after placing for 2 to 3 hrs.
Measure at room temperature after placing for 2 to 3 hrs.
Room Temperature
+85±3
1
2
4
3
Step
30±3
Within 3
Within 3
30±3
Times (min.)
Preheat : 150°C, 60sec.
Flux for lead free : rosin
Dip Time : 4±1sec.
Solder Temperature : 230±5°C
Solder : Sn-Ag3.0-Cu0.5
Flux for lead free : rosin
Solder Temperature : 260±5°C
Dip Time : 10±0.5sec.
Preheat : 150°C, 60sec.
Solder : Sn-Ag3.0-Cu0.5
Dipping
Natural
cooling
cooling
4±1
seconds
Dipping
Natural
1. Applied the allowed DC current
Irms(A) will cause the coil temperature rise
approximately
T=40°C without core loss
HP4284A, CH11025, CH3302, CH1320, CH1320S
CH16502, Agilent33420A Micro-Ohm Meter.
Isat(A) will cause Lo to drop approximately 20% max.
2. Temperature measured by digital surface thermometer
TEST CONDITION
LCR meter.


Similar Part No. - SDC1207-470MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDC1207-470MF SUPERWORLD-SDC1207-470MF Datasheet
202Kb / 4P
   SMD POWER INDUCTORS
More results

Similar Description - SDC1207-470MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com