Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAA60M-480 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSAA60M-480
Description  60 Watt Universal 3-Wire Input Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSAA60M-480 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSAA60M-480 Datasheet HTML 1Page - Phihong USA Inc. PSAA60M-480 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WWW.PHIHONG.COM
60 Watt Universal 3-Wire Input Adapter
PSAA60M Power Supply meets CEC & EISA Requirements
Features
Applications
Safety Approvals
Mechanical Characteristics
Output Specifications
• Low Cost
• Non-vented/Spill-proof Case
• Efficiency Level IV Compliance
• No Load Power Consumption < 0.5W
• Class B EMI
• Low Profile Design
• Portable Equipment
• Networking
• Peripherals
• Gaming Machines
• cUL / UL EN60950-1
• TUV EN60950-1 (except 48V model)
• CE
• CB IEC60950-1
• Length: 130mm (5.12in)
• Height: 32mm (1.30in)
• Width: 60mm (2.36in)
• Weight: 300g (10.58oz)
Load
Regulation
Model
DC Output
Voltage
Min.
Max.
Ripple (1)
P-P (max.)
Line
Load
Efficiency
Level
PSAA60M-120
+12V
0A
5.0A
120mV
±5%
PSAA60M-150
+15V
0A
4.0A
150mV
±5%
PSAA60M-180
+18V
0A
3.3A
180mV
±5%
PSAA60M-240
+24V
0A
2.5A
240mV
±5%
PSAA60M-480
+48V
0A
1.25A
480mV
±5%
(1) Measured by-pass capacitors 0.1uF / 100uF at output connector terminal and oscilloscope set at 20 Mhz.
Phihong reserves the right to make changes without further notice. Please consult Phihong USA and visit
www.phihong.com for the most up-to-date specifications.


Similar Part No. - PSAA60M-480

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAA60M-480 PHIHONG-PSAA60M-480 Datasheet
107Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
More results

Similar Description - PSAA60M-480

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAC60M-120 PHIHONG-PSAC60M-120_17 Datasheet
89Kb / 3P
   60 Watt Universal 3-Wire Input Adapter
PSC60M-120 PHIHONG-PSC60M-120 Datasheet
128Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120_14 Datasheet
124Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSAA60M-120 PHIHONG-PSAA60M-120_14 Datasheet
107Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120 Datasheet
118Kb / 2P
   60 Watt Universal 3-Wire Input Adapter
PSAA60W-120 PHIHONG-PSAA60W-120 Datasheet
118Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
PSAC60W-120 PHIHONG-PSAC60W-120_17 Datasheet
98Kb / 3P
   60 Watt Universal 2-Wire Input Adapter
PSAC60W-120 PHIHONG-PSAC60W-120_14 Datasheet
114Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
PSC60W-120 PHIHONG-PSC60W-120 Datasheet
130Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
PSAA60W-150 PHIHONG-PSAA60W-150 Datasheet
100Kb / 2P
   60 Watt Universal 2-Wire Input Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com