Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDC0602-180MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDC0602-180MF
Description  SMD POWER INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDC0602-180MF Datasheet(HTML) 2 Page - Superworld Electronics

  SDC0602-180MF Datasheet HTML 1Page - Superworld Electronics SDC0602-180MF Datasheet HTML 2Page - Superworld Electronics SDC0602-180MF Datasheet HTML 3Page - Superworld Electronics SDC0602-180MF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SDC0602 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.05.2008
SDC0602-151MF
SDC0602-331MF
SDC0602-271MF
SDC0602-221MF
SDC0602-181MF
SDC0602-101MF
SDC0602-121MF
SDC0602-820MF
SDC0602-560MF
SDC0602-390MF
SDC0602-470MF
SDC0602-680MF
1KHz / 0.25V
150 ±20%
330 ±20%
220 ±20%
270 ±20%
180 ±20%
1KHz / 0.25V
1KHz / 0.25V
1KHz / 0.25V
1KHz / 0.25V
120 ±20%
82 ±20%
100 ±20%
68 ±20%
56 ±20%
47 ±20%
39 ±20%
1KHz / 0.25V
1KHz / 0.25V
1KHz / 0.25V
1KHz / 0.25V
1KHz / 0.25V
1KHz / 0.25V
1KHz / 0.25V
0.28
2.18
0.19
4.94
3.12
4.38
2.77
0.23
0.22
0.26
1.90
1.39
1.21
0.31
0.38
0.34
1.07
0.78
0.69
0.49
0.46
0.42
0.54
0.50
SDC0602-180MF
SDC0602-270MF
SDC0602-330MF
SDC0602-220MF
SDC0602-120MF
SDC0602-100MF
SDC0602-5R5NF
SDC0602-150MF
Part No.
SDC0602-4R0NF
SDC0602-2R9NF
27 ±20%
33 ±20%
18 ±20%
22 ±20%
12 ±20%
15 ±20%
5.5
10 ±20%
1KHz / 0.25V
1KHz / 0.25V
1KHz / 0.25V
1KHz / 0.25V
7.96MHz / 0.25V
1KHz / 0.25V
1KHz / 0.25V
1KHz / 0.25V
Inductance
4.0
2.9
( µH )
7.96MHz / 0.25V
Frequency
7.96MHz / 0.25V
Test
0.45
0.38
0.27
0.34
0.66
0.59
0.80
0.74
0.20
0.23
0.096
0.15
1.00
0.90
1.40
1.10
Max.
0.068
0.080
Max.
(
)
RDC
1.94
1.63
IDC
( A )
+40%
-20%
+40%
-20%
+40%
-20%


Similar Part No. - SDC0602-180MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDC0603 SUPERWORLD-SDC0603 Datasheet
402Kb / 5P
   SMD POWER INDUCTORS
SDC0603100MZF SUPERWORLD-SDC0603100MZF Datasheet
402Kb / 5P
   SMD POWER INDUCTORS
SDC0603101MZF SUPERWORLD-SDC0603101MZF Datasheet
402Kb / 5P
   SMD POWER INDUCTORS
SDC0603120MZF SUPERWORLD-SDC0603120MZF Datasheet
402Kb / 5P
   SMD POWER INDUCTORS
SDC0603150MZF SUPERWORLD-SDC0603150MZF Datasheet
402Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - SDC0602-180MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com