Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCS1010101KZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # RCS1010101KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCS1010101KZF Datasheet(HTML) 2 Page - Superworld Electronics

  RCS1010101KZF Datasheet HTML 1Page - Superworld Electronics RCS1010101KZF Datasheet HTML 2Page - Superworld Electronics RCS1010101KZF Datasheet HTML 3Page - Superworld Electronics RCS1010101KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
RCS1010 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
18.04.2008
RADIAL CHOKE COIL
1.26
0.160
2.52M
RCS1010820KZF
82±10%
RCS1010561KZF
RCS1010681KZF
RCS1010821KZF
RCS1010102KZF
RCS1010221KZF
RCS1010271KZF
RCS1010331KZF
RCS1010391KZF
RCS1010471KZF
RCS1010101KZF
RCS1010121KZF
RCS1010151KZF
RCS1010181KZF
1.100
1K
560±10%
680±10%
1000±10%
820±10%
1.200
1.500
1.300
1K
1K
1K
220±10%
270±10%
390±10%
330±10%
470±10%
100±10%
180±10%
150±10%
120±10%
0.290
1K
0.360
0.510
0.690
0.980
1K
1K
1K
1K
0.210
0.260
0.230
0.190
1K
1K
1K
1K
0.46
0.38
0.35
0.42
0.74
0.61
0.55
0.51
0.67
0.82
0.90
0.99
1.08
RCS1010330MZF
RCS1010470MZF
RCS1010560KZF
RCS1010680KZF
RCS1010390MZF
RCS1010150MZF
RCS1010180MZF
RCS1010220MZF
RCS1010270MZF
RCS1010100MZF
RCS1010120MZF
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
33±20%
47±20%
39±20%
68±10%
56±10%
18±20%
27±20%
22±20%
15±20%
0.057
0.100
0.110
0.150
0.076
0.036
0.042
0.045
0.039
2.52M
2.52M
10±20%
12±20%
0.023
0.024
1.89
1.44
1.35
1.62
1.80
2.34
2.16
2.88
2.61
3.51
3.24
Part No.
(
)
Max.
RDC
Inductance
( µH )
Test
( Hz )
Frequency
IDC
Max.
( A )
RECOMMENDED SOLDERING CONDITIONS
cooling
Natural
Pre-heating
40s max.
90 to 120s
150°C
230°C
180°C
260°C
10s max.
REFLOW SOLDERINGS


Similar Part No. - RCS1010101KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCS1010101KZF SUPERWORLD-RCS1010101KZF Datasheet
930Kb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCS1010101KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
RCB0812 SUPERWORLD-RCB0812 Datasheet
597Kb / 4P
   RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
   RADIAL CHOKE COIL
RCC0606 SUPERWORLD-RCC0606 Datasheet
354Kb / 4P
   RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
   RADIAL CHOKE COIL
RCB1823100MZF SUPERWORLD-RCB1823100MZF_16 Datasheet
939Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com