Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCC1014271KZF Datasheet(PDF) 1 Page - Superworld Electronics

Part # RCC1014271KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCC1014271KZF Datasheet(HTML) 1 Page - Superworld Electronics

  RCC1014271KZF Datasheet HTML 1Page - Superworld Electronics RCC1014271KZF Datasheet HTML 2Page - Superworld Electronics RCC1014271KZF Datasheet HTML 3Page - Superworld Electronics RCC1014271KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
2. CONFIGURATION & DIMENSIONS :
15.00±3.0
A
B
C
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : DR Ferrite Core
(b) Wire : Enamelled Copper Wire
(c) Lead : Tinned Copper Wire
(d) Adhesive : Epoxy
3. SCHEMATIC :
5. GENERAL SPECIFICATION :
c) Storage temp. : -40°C to +125°C
b) Temp. rise : 40°C max. at rated current
a) The inductance drop at rated is 10% max.
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
5.0±0.5
F
0.80±0.10
10.00±0.5
Unit:m/m
a
b
c
RADIAL CHOKE COIL
A
C
B
14.40 Max.
ØW
d) Operating temp. : -40°C to +85°C
R C C 1 0 1 4 1 0 0 K Z F
(c) Inductance code : 100 = 10.0uH
(a) Series code
(b) Dimension code
(f) F : Lead Free
(e) X, Y, Z : Standard part
(d) Tolerance code : K = ±10%
(f)
e
(e) Ink : Bon Margue
RCC1014 SERIES
01.07.2008


Similar Part No. - RCC1014271KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCC1014271KZF SUPERWORLD-RCC1014271KZF Datasheet
931Kb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCC1014271KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
RCB0812 SUPERWORLD-RCB0812 Datasheet
597Kb / 4P
   RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
   RADIAL CHOKE COIL
RCC0606 SUPERWORLD-RCC0606 Datasheet
354Kb / 4P
   RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
   RADIAL CHOKE COIL
RCB1823100MZF SUPERWORLD-RCB1823100MZF_16 Datasheet
939Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com