Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA4531 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSA4531
Description  One to Four Output 3x5 Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA4531 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSA4531 Datasheet HTML 1Page - Phihong USA Inc. PSA4531 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WWW.PHIHONG.COM
60W* Universal Class B EMI Series
PSA45 Series One to Four Output 3x5 Power Supplies
Applications
• Networking
• Mini-Microcomputers
• Periperals and Terminals
Features
• Industrial
• ISO 9001 Quality System
• Zero Minimum Loads
• Extended Design Life
• Surface Mount Controller
Mechanical Characteristics
Dimensions:• Length: 127mm (5.0in.)
• Height: 30mm (1.2in)
• Width: 76.2mm (3.0in)
• Weight: 0.27kgm (0.87Ib)
Safety Approvals
• UL 1950
• TUV IEC 950
• CSA 22.2 234
• CE (Low Voltage Directive)
Output Specifications
Model
DC Output
Load
Ripple (1) Total(2)
Voltage
Min.
Convection
20cfm
Peak(3)
P-P
Regulation
+3.3V
+5V
+12V
+15V
+24V
+5V(V1)
+24V(V2)
+5V(V1)
+12V(V2)
-12V(V3)
+5V(V1)
+15V(V2)
-15V(V3)
+5V(V1)
+12V(V2)
-12V(V3)
-5V(V4)
9A
8A
4A
3A
2A
3A
1.25A
4A
1.5A
0.5A
4A
1.2A
0.5A
3A
2A
0.5A
0.5A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
0A
10A
10A
5A
4A
2.5A
4A
1.5A
5A
2.5A
0.5A
5A
2A
0.5A
5A
2A
0.5A
0.5A
10A
10A
5A
4A
2.5A
4A
1.5A
7A
4A
1A
7A
3A
1A
7A
4A
1A
1A
50 mV
50mV
120mV
150mV
240mV
50mV
240mV
50mV
120mV
120mV
50mV
150mV
150mV
50mV
120mV
120mV
50mV
+2%
+2%
+2%
+2%
+2%
+2%
+5%
+2%
+5%
+5%
+2%
+5%
+5%
+2%
+5%
+5%
+5%
PSA45-033
PSA45-050
PSA45-120
PSA45-150
PSA45-240
PSA4525
PSA4531
PSA4534
PSA4541
(1) Measured at 45W by using a 12in. twisted pair terminated with a 10mfd capacitor and a 0.1mfd ceramic in parallel.
(2) See reverse for exact tolerances; may deviate during peak loading conditions.
(3) Peak output of less than 30 seconds; total peak power not to exceed 60W.
Phihong is not responsible for any errors or changes. Please contact the factory and visit www.phihong.com for the most up-to-date specifications.
*60W rated at 20CFM air flow cooling


Similar Part No. - PSA4531

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PSA4-5043 MINI-PSA4-5043 Datasheet
324Kb / 5P
   Monolithic Amplifier
PSA4-5043-D MINI-PSA4-5043-D Datasheet
424Kb / 6P
   Monolithic Amplifier Die
PSA4-5043-D++ MINI-PSA4-5043-D+ Datasheet
424Kb / 6P
   Monolithic Amplifier Die
PSA4-5043-DF++ MINI-PSA4-5043-DF+ Datasheet
424Kb / 6P
   Monolithic Amplifier Die
PSA4-5043-DG++ MINI-PSA4-5043-DG+ Datasheet
424Kb / 6P
   Monolithic Amplifier Die
More results

Similar Description - PSA4531

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9323 MAXIM-MAX9323 Datasheet
272Kb / 11P
   One-to-Four LVCMOS-to-LVPECL Output Clock and Data Driver
19-2575; Rev 0; 10/02
logo
Integrated Circuit Syst...
ICS557-06 ICST-ICS557-06 Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
logo
Maxim Integrated Produc...
MAX745EVKIT MAXIM-MAX745EVKIT Datasheet
600Kb / 4P
   Charges One to Four Li-Ion Cells
Rev 3; 9/03
logo
Sanken electric
SEL1021 SANKEN-SEL1021 Datasheet
30Kb / 1P
   3x5 Rectangular LED
logo
TEMEX
RCV2520Q TEMEX-RCV2520Q Datasheet
167Kb / 1P
   Up to four frequency selections in one part
logo
TDK Electronics
ZWQ1305224 TDK-ZWQ1305224 Datasheet
164Kb / 2P
   80W to 170W Quad Output Power Supplies
ZWS150BP TDK-ZWS150BP Datasheet
537Kb / 2P
   150W to 480W Single Output Power Supplies
logo
Integrated Device Techn...
IDT74FCT163344 IDT-IDT74FCT163344 Datasheet
118Kb / 7P
   3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT163344A RENESAS-IDT74FCT163344A Datasheet
252Kb / 8P
   3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER
SEPTEMBER 2009
logo
Eutech Microelectronics...
EUP2683 EUTECH-EUP2683 Datasheet
1Mb / 1P
   Multi-Output Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com