Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA-30R-480 Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSA-30R-480
Description  30 Watt Interchangeable Plug Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSA-30R-480 Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSA-30R-480 Datasheet HTML 1Page - Phihong USA Inc. PSA-30R-480 Datasheet HTML 2Page - Phihong USA Inc. PSA-30R-480 Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHIHONG
USA - Fremont
Tel: 1-510-445-0100
Fax: 1-510-445-1678
E-mail:usasales@phihongusa.com
www.phihong.com
PHIHONG
Taiwan - Taipei:
Tel: 886-2-29882126
886-2-29805255
Fax: 886-2-29817086
886-2-29833222
E-mail:phsales@phihong.com.tw
www.phihong.com.tw
PHIHONG
China - Tianjin:
Tel: 86-22-66880040
Fax: 86-22-66880038
E-mail: eva_liu@phihong.com.tw
PHIHONG
Japan - Tokyo:
Tel: 81-3-5447-5001
Fax: 81-3-5447-5002
PHIHONG
Europe - Glasgow, UK:
Tel: 44-1698-816773
Fax: 44-1698-802290
E-mail:iaian@mariam.co.uk
PHIHONG
Brazil - Minas Gerais:
Tel: 55-35-34715566
Fax: 55-35-34713577
E-mail:
commercial@phihong–pwm.com.br
www.phihong–pwm.com.br
www.phihong.com
30 Watt Interchangeable Plug Series
PSA-30R Adapter with Worldwide Wall Plugs
Applications
• Peripherals
• Point of Sale Equipment
• Portable Equipment
• Network Equipment
• Gaming Machines
Features
• Double Insulated
• Field Changeable Plugs
• Class B EMI
• Power On LED
Mechanical Characteristics
Dimensions:• Length: 100mm (3.9in)
• Height: 35.7mm (1.4in)
• Width: 63mm (2.5in)
• Weight: 242gm (8.5oz)
Safety Approvals
• cUL 60950 3rd Edition
• TUV EN60950
• CE
Output Specifications
PSA-30R-033 (3)
PSA-30R-050 (3)
PSA-30R-090 (3)
PSA-30R-120
PSA-30R-150 (3)
PSA-30R-180 (3)
PSA-30R-240
PSA-30R-480
3.3V
5V
9V
12V
15V
18V
24V
48V
0A
0A
0A
0A
0A
0A
0A
0A
4A
4A
2.23A
2.5A
2A
1.67A
1.25A
0.625A
+1%
+1%
+1%
+1%
+1%
+1%
+1%
+1%
50mV
50mV
90mV
120mV
150mV
180mV
240mV
480mV
+5%
+5%
+5%
+5%
+5%
+5%
+5%
+5%
Model
DC Output
Load
Ripple (1)
Regulation
Voltage
Min.
Max.
P-P (max)
Line
Load (2)
Clip ordered separately. US Plug: RPA; UK Plug: RPK; Europe Plug: RPE; Australia Plug: RPS; All 4 Plugs: RPKit.
(1) Measured by using a 12 inch twisted pair terminated with a 10
µF capacitor and a 0.1µF ceramic in parallel.
(2) No load to full load, 1.8meter (6ft) DC cord, measured at the plug.
(3) Consult factory for availability.
PRELIMINAR
Y


Similar Part No. - PSA-30R-480

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA-30U-050 PHIHONG-PSA-30U-050 Datasheet
350Kb / 2P
   Mini-Adaptor Series
PSA-30U-090 PHIHONG-PSA-30U-090 Datasheet
350Kb / 2P
   Mini-Adaptor Series
PSA-30U-120 PHIHONG-PSA-30U-120 Datasheet
350Kb / 2P
   Mini-Adaptor Series
PSA-30U-150 PHIHONG-PSA-30U-150 Datasheet
350Kb / 2P
   Mini-Adaptor Series
PSA-30U-180 PHIHONG-PSA-30U-180 Datasheet
350Kb / 2P
   Mini-Adaptor Series
More results

Similar Description - PSA-30R-480

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSC30R-120 PHIHONG-PSC30R-120 Datasheet
142Kb / 2P
   30-WATT INTERCHANGEABLE PLUG SERIES
PSAC12R-050 PHIHONG-PSAC12R-050 Datasheet
141Kb / 3P
   12 Watt Interchangeable Plug Series
PSA15R-050P PHIHONG-PSA15R-050P Datasheet
169Kb / 2P
   15 WATT INTERCHANGEABLE PLUG SERIES
PSA15R-V PHIHONG-PSA15R-V Datasheet
92Kb / 2P
   15 Watt Interchangeable Plug Series
PSC15R-050 PHIHONG-PSC15R-050 Datasheet
180Kb / 3P
   15 Watt Interchangeable Plug Series
PSC20R-120 PHIHONG-PSC20R-120 Datasheet
143Kb / 2P
   20-WATT INTERCHANGEABLE PLUG SERIES
PSAA20R-050L6 PHIHONG-PSAA20R-050L6 Datasheet
129Kb / 3P
   20 Watt Interchangeable Plug Series
PSAA20R-120L6 PHIHONG-PSAA20R-120L6 Datasheet
281Kb / 3P
   20 Watt Interchangeable Plug Series
PSA10R-033 PHIHONG-PSA10R-033 Datasheet
133Kb / 3P
   10 Watt Interchangeable Plug Series
PSAA20R-120 PHIHONG-PSAA20R-120 Datasheet
134Kb / 2P
   20-WATT INTERCHANGEABLE PLUG SERIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com