Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTM-3001C-SL15iG Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part # FTM-3001C-SL15iG
Description  155Mbps SFP Transceiver with Spring Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-3001C-SL15iG Datasheet(HTML) 8 Page - Source Photonics, Inc.

Back Button FTM-3001C-SL15iG Datasheet HTML 3Page - Source Photonics, Inc. FTM-3001C-SL15iG Datasheet HTML 4Page - Source Photonics, Inc. FTM-3001C-SL15iG Datasheet HTML 5Page - Source Photonics, Inc. FTM-3001C-SL15iG Datasheet HTML 6Page - Source Photonics, Inc. FTM-3001C-SL15iG Datasheet HTML 7Page - Source Photonics, Inc. FTM-3001C-SL15iG Datasheet HTML 8Page - Source Photonics, Inc. FTM-3001C-SL15iG Datasheet HTML 9Page - Source Photonics, Inc. FTM-3001C-SL15iG Datasheet HTML 10Page - Source Photonics, Inc. FTM-3001C-SL15iG Datasheet HTML 11Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
155Mbps Spring Latch SFP Transceiver
15~80 km transmission
May 12, 2006
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 8 of 11
Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 2006-05-15 10:28
P in 10
Pin 1
P in 11
P in 20
B O T T O M VIEW
OF B OA R D
OF B OA R D
T O P VIEW
Figure 3, Pin View
Table 8– Pin Function Definitions
Pin No.
Name
Function
Plug Seq.
Notes
1
VeeT
Transmitter Ground
1
2
TX Fault
Transmitter Fault Indication
3
Note 1
3
TX Disable
Transmitter Disable
3
Note 2
4
MOD-DEF2
Module Definition 2
3
Note 3
5
MOD-DEF1
Module Definition 1
3
Note 3
6
MOD-DEF0
Module Definition 0
3
Note 3
7
Rate Select
Not Connected
3
8
LOS
Loss of Signal
3
Note 4
9
VeeR
Receiver Ground
1
10
VeeR
Receiver Ground
1
11
VeeR
Receiver Ground
1
12
RD-
Inv. Received Data Out
3
Note 5
13
RD+
Received Data Out
3
Note 5
14
VeeR
Receiver Ground
1
15
VccR
Receiver Power
2
16
VccT
Transmitter Power
2
17
VeeT
Transmitter Ground
1
18
TD+
Transmit Data In
3
Note 6
19
TD-
Inv. Transmit Data In
3
Note 6
20
VeeT
Transmitter Ground
1
Notes:
1. TX Fault is an open collector output, which should be pulled up with a 4.7k~10k
Ω resistor on the host
board to a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates a
laser fault of some kind. In the low state, the output will be pulled to less than 0.8V.
2. TX Disable is an input that is used to shut down the transmitter optical output. It is pulled up within the
module with a 4.7k~10k
Ω resistor. Its states are:
Low (0~0.8V):
Transmitter on


Similar Part No. - FTM-3001C-SL15iG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-3012C-SL20G SOURCE-FTM-3012C-SL20G Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLEG SOURCE-FTM-3012C-SLEG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLiG SOURCE-FTM-3012C-SLiG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012S-G20G SOURCE-FTM-3012S-G20G Datasheet
237Kb / 10P
   1.0625節?.25Gbps GBIC Transceiver
More results

Similar Description - FTM-3001C-SL15iG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
   155Mbps Spring-latch SFP Transceiver
FTM-8001C-SLG SOURCE-FTM-8001C-SLG Datasheet
251Kb / 9P
   155Mbps 850nm Spring-Latch SFP Transceiver
FTM-3106C-SL15G SOURCE-FTM-3106C-SL15G Datasheet
435Kb / 13P
   622Mbps SFP Transceiver with Spring Latch
FTM-3106C-SL15IG SOURCE-FTM-3106C-SL15IG Datasheet
398Kb / 12P
   622Mbps SFP Transceiver with Spring Latch
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5012C-SL80G SOURCE-FTM-5012C-SL80G Datasheet
256Kb / 9P
   1.25G Spring-Latch SFP Transceiver
FTM-3112C-SLEG SOURCE-FTM-3112C-SLEG Datasheet
269Kb / 10P
   1.25Gbps Spring-latch SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com