Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCS0807821KZF Datasheet(PDF) 4 Page - Superworld Electronics

Part # RCS0807821KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCS0807821KZF Datasheet(HTML) 4 Page - Superworld Electronics

  RCS0807821KZF Datasheet HTML 1Page - Superworld Electronics RCS0807821KZF Datasheet HTML 2Page - Superworld Electronics RCS0807821KZF Datasheet HTML 3Page - Superworld Electronics RCS0807821KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
RCS0807 SERIES
8. UL CARD :
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 4
18.04.2008
RADIAL CHOKE COIL
R
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
AM - 3130A
AM-3000,
AM-300
AM-1130,
AM-1140,
AM-3131,
AM112
AM-1130,
AM-113
AM-1120,
3.0
ALL
BK
BK
0.74
1.1
3.0
1.5
BK
BK,GN
ALL
BK
ALL
0.75
1.5
1.1
0.40
3.0
0.99
0.99
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
0
5
0
1
0
0
1
0
1
0
0
0
5
0
0
0
0
2
1
1
0
0
2
3
5
0
ANSI
__
Type
GUANGDONG CHINA
BC
Mtl Dsg
__
Coating Type
TC
__
__
TI


Similar Part No. - RCS0807821KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCS0807821KZF SUPERWORLD-RCS0807821KZF Datasheet
909Kb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCS0807821KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
RCB0812 SUPERWORLD-RCB0812 Datasheet
597Kb / 4P
   RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
   RADIAL CHOKE COIL
RCC0606 SUPERWORLD-RCC0606 Datasheet
354Kb / 4P
   RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
   RADIAL CHOKE COIL
RCB1823100MZF SUPERWORLD-RCB1823100MZF_16 Datasheet
939Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com