Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002LT1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 2N7002LT1
Description  CASE 318-08, STYLE 21 SOT-23 (TO-236AB)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N7002LT1 Datasheet(HTML) 2 Page - Motorola, Inc

  2N7002LT1 Datasheet HTML 1Page - Motorola, Inc 2N7002LT1 Datasheet HTML 2Page - Motorola, Inc 2N7002LT1 Datasheet HTML 3Page - Motorola, Inc 2N7002LT1 Datasheet HTML 4Page - Motorola, Inc 2N7002LT1 Datasheet HTML 5Page - Motorola, Inc 2N7002LT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N7002LT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(2)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
VGS(th)
1.0
2.5
Vdc
On–State Drain Current
(VDS ≥ 2.0 VDS(on), VGS = 10 Vdc)
ID(on)
500
mA
Static Drain–Source On–State Voltage
(VGS = 10 Vdc, ID = 500 mAdc)
(VGS = 5.0 Vdc, ID = 50 mAdc)
VDS(on)
3.75
0.375
Vdc
Static Drain–Source On–State Resistance
(VGS = 10 V, ID = 500 mAdc)
TC = 25°C
TC = 125°C
(VGS = 5.0 Vdc, ID = 50 mAdc) TC = 25°C
TC = 125°C
rDS(on)
7.5
13.5
7.5
13.5
Ohms
Forward Transconductance
(VDS ≥ 2.0 VDS(on), ID = 200 mAdc)
gFS
80
mmhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
50
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Coss
25
pF
Reverse Transfer Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Crss
5.0
pF
SWITCHING CHARACTERISTICS(2)
Turn–On Delay Time
(VDD = 25 Vdc, ID ^ 500 mAdc,
td(on)
30
ns
Turn–Off Delay Time
( DD
, D
,
RG = 25 Ω, RL = 50 Ω)
td(off)
40
ns
BODY–DRAIN DIODE RATINGS
Diode Forward On–Voltage
(IS = 11.5 mAdc, VGS = 0 V)
VSD
–1.5
Vdc
Source Current Continuous
(Body Diode)
IS
–115
mAdc
Source Current Pulsed
ISM
– 800
mAdc
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%.


Similar Part No. - 2N7002LT1

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
2N7002LT1 TRSYS-2N7002LT1 Datasheet
343Kb / 4P
   N-CHANNEL ENHANCEMENT
logo
Leshan Radio Company
2N7002LT1 LRC-2N7002LT1 Datasheet
149Kb / 3P
   Small Signal MOSFET 115 mAmps, 60 Volts
logo
ON Semiconductor
2N7002LT1 ONSEMI-2N7002LT1 Datasheet
58Kb / 4P
   Small Signal MOSFET 60 V, 115 mA, N-Channel SOT-23
July, 2004 ??Rev. 2
logo
WILLAS ELECTRONIC CORP
2N7002LT1 WILLAS-2N7002LT1 Datasheet
299Kb / 4P
   Small Signal MOSFET 115 mAmps, 60 Volts N?밅hannel SOT??3
2N7002LT1 WILLAS-2N7002LT1 Datasheet
313Kb / 4P
   115 mAmps, 60 Volts
More results

Similar Description - 2N7002LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC856ALT1 MOTOROLA-BC856ALT1 Datasheet
249Kb / 8P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
BAL99LT1 MOTOROLA-BAL99LT1 Datasheet
70Kb / 4P
   CASE 318-08, STYLE 18 SOT-23 (TO-236AB)
BC846ALT1 MOTOROLA-BC846ALT1 Datasheet
220Kb / 6P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
BAS4006LT1 MOTOROLA-BAS4006LT1 Datasheet
76Kb / 4P
   CASE 318-08, STYLE 11 SOT-23 (TO-236AB)
BAS21LT1 MOTOROLA-BAS21LT1 Datasheet
66Kb / 4P
   CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
BAS40LT1 MOTOROLA-BAS40LT1 Datasheet
73Kb / 4P
   CASE 318-08, STYLE 8 SOT-23 TO-236AB
BAS4004LT1 MOTOROLA-BAS4004LT1 Datasheet
75Kb / 4P
   CASE 318 08, STYLE 12 SOT 23 (TO 236AB)
BAS7004LT1 MOTOROLA-BAS7004LT1 Datasheet
74Kb / 4P
   CASE 318-08, STYLE 12 SOT-23 TO-236AB
BAS70LT1 MOTOROLA-BAS70LT1 Datasheet
72Kb / 4P
   CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
BAV70LT1 MOTOROLA-BAV70LT1 Datasheet
81Kb / 4P
   CASE 318-08, STYLE 9 SOT-23 (TO-236AB)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com